Electronic Components Datasheet Search
  English  ▼

X  

M48T37Y Datasheet(PDF) 18 Page - STMicroelectronics

Part # M48T37Y
Description  5.0 or 3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T37Y Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M48T37Y Datasheet HTML 14Page - STMicroelectronics M48T37Y Datasheet HTML 15Page - STMicroelectronics M48T37Y Datasheet HTML 16Page - STMicroelectronics M48T37Y Datasheet HTML 17Page - STMicroelectronics M48T37Y Datasheet HTML 18Page - STMicroelectronics M48T37Y Datasheet HTML 19Page - STMicroelectronics M48T37Y Datasheet HTML 20Page - STMicroelectronics M48T37Y Datasheet HTML 21Page - STMicroelectronics M48T37Y Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Clock operations
M48T37Y, M48T37V
18/30
Doc ID 7019 Rev 9
3.9
Battery low flag
The M48T37Y/V automatically performs periodic battery voltage monitoring upon power-up.
The battery low flag (BL), bit D4 of the flags register 7FF0h, will be asserted high if the
SNAPHAT® battery is found to be less than approximately 2.5 V. The BL flag will remain
active until completion of battery replacement and subsequent battery low monitoring tests
during the next power-up sequence.
If a battery low is generated during a power-up sequence, this indicates the battery voltage
is below 2.5 V (approximately), which may be insufficient to maintain data integrity. Data
should be considered suspect and verified as correct. A fresh battery should be installed.
The SNAPHAT top may be replaced while VCC is applied to the device.
Note:
This will cause the clock to lose time during the interval the battery/crystal is removed.
Battery monitoring is a useful technique only when performed periodically. The M48T37Y/V
only monitors the battery when a nominal VCC is applied to the device. Thus applications
which require extensive durations in the battery back-up mode should be powered-up
periodically (at least once every few months) in order for this technique to be beneficial.
Additionally, if a battery low is indicated, data integrity should be verified upon power-up via
a checksum or other technique.
3.10
Initial power-on defaults
Upon application of power to the device, the following register bits are set to a '0' state:
WDS; BMB0-BMB4; RB0-RB1; AFE; ABE; W; R; and FT (see Table 7).
Table 7.
Default values
3.11
VCC noise and negative going transients
ICC transients, including those produced by output switching, can produce voltage
fluctuations, resulting in spikes on the VCC bus. These transients can be reduced if
capacitors are used to store energy which stabilizes the VCC bus. The energy stored in the
bypass capacitors will be released as low going spikes are generated or energy will be
absorbed when overshoots occur. A ceramic bypass capacitor value of 0.1 µF (as shown in
Figure 9) is recommended in order to provide the needed filtering.
In addition to transients that are caused by normal SRAM operation, power cycling can
generate negative voltage spikes on VCC that drive it to values below VSS by as much as
Condition
W
R
FT
AFE
ABE
Watchdog
register(1)
1.
WDS, BMB0-BMB4, RBO, RB1.
Initial power-up
(Battery attach for SNAPHAT®)(2)
2.
State of other control bits undefined.
00
00
0
0
Subsequent power-up / RESET(3)
3.
State of other control bits remains unchanged.
00
00
0
0
Power-down(4)
4.
Assuming these bits set to '1' prior to power-down.
00
01
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com