Electronic Components Datasheet Search
  English  ▼

X  

6400 Datasheet(PDF) 39 Page - Intel Corporation

Part # 6400
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6400 Datasheet(HTML) 39 Page - Intel Corporation

Back Button 6400 Datasheet HTML 35Page - Intel Corporation 6400 Datasheet HTML 36Page - Intel Corporation 6400 Datasheet HTML 37Page - Intel Corporation 6400 Datasheet HTML 38Page - Intel Corporation 6400 Datasheet HTML 39Page - Intel Corporation 6400 Datasheet HTML 40Page - Intel Corporation 6400 Datasheet HTML 41Page - Intel Corporation 6400 Datasheet HTML 42Page - Intel Corporation 6400 Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
39
Electrical, Power, and Thermal
Idd_TDP_1 Total Power
5.8
6.4
W
Idd_Active_1
Active Power
L0 state.
50% DRAM BW, 67%
read, 33% write.
Primary and Secondary
channels enabled.
DRAM clock active, CKE
high.
@1.5 V
3.1
3.4
3.6
3.9
A
@1.8 V
1.2
1.3
1.2
1.3
A
@3.3 V
A
Idd_Active_1 Total Power
6.4
7.1
W
Idd_Active_2
Active Power, data pass
through
L0 state.
50% DRAM BW to
downstream DIMM,
67% read, 33% write.
Primary and Secondary
channels enabled
CKE high. Command
and address lines
stable.
DRAM clock active.
@1.5 V
2.9
3.2
3.3
3.7
A
@1.8 V
0.6
0.7
0.6
0.7
A
@3.3 V
A
Idd_Active_2 Total Power
5.0
5.6
W
Idd_Training
(for AMB spec,
Not in SPD)
Training
Primary and Secondary
channels enabled.
100% toggle on all
channel lanes
DRAMs idle. 0 BW.
CKE high, Command
and address lines
stable.
DRAM clock active.
@1.5 V
3.5
4.0
A
@1.8 V
0.7
0.7
A
@3.3 V
A
Idd_Training Total Power
W
Idd_IBIST
(for AMB spec,
Not in SPD)
IBIST
Over all IBIST modes
DRAM Idle (0 BW)
Primary channel
Enabled
Secondary channel
Enabled
CKE high. Command
and Address lines stable
DRAM clock active
@1.5 V
3.8
4.5
A
@1.8 V
0.7
0.7
A
@3.3 V
A
Idd_IBIST Total Power
W
Table 4-3.
Power Values for x8 DIMMS (Sheet 2 of 3)
533 MHz
667 MHz
Symbol
Conditions
Power
Supply
Thermal
Design
Max
Current
Thermal
Design
Max
Current
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com