Electronic Components Datasheet Search
  English  ▼

X  

6400 Datasheet(PDF) 49 Page - Intel Corporation

Part # 6400
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6400 Datasheet(HTML) 49 Page - Intel Corporation

Back Button 6400 Datasheet HTML 45Page - Intel Corporation 6400 Datasheet HTML 46Page - Intel Corporation 6400 Datasheet HTML 47Page - Intel Corporation 6400 Datasheet HTML 48Page - Intel Corporation 6400 Datasheet HTML 49Page - Intel Corporation 6400 Datasheet HTML 50Page - Intel Corporation 6400 Datasheet HTML 51Page - Intel Corporation 6400 Datasheet HTML 52Page - Intel Corporation 6400 Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
49
Electrical, Power, and Thermal
4.4.9
Write Preamble Duration
The write preamble duration is the measurement from the point when DQS and DQS
start to be driven, to the crossing point of DQS and DQS. Typically, to determine when
DQS and DQS are starting to be driven, timing measurements are made at 0.5xVCC +/
- 50 mV, and 0.5xVCC +/- 100 mV, and then the measurements are linearly
extrapolated back to 0.5xVCC.
4.4.10
Write Postamble Duration
The write postamble duration is the measurement from the crossing point of DQS and
DQS, to the point where DQS and DQS start to go into a high impedance state.
Typically, to determine when DQS and DQS are starting to go into a high impedance
state, for DQS, timing measurements are made at Vlow + 50 mV, and Vlow + 100 mV,
and then the measurements are linearly extrapolated back to Vlow. For DQS, timing
measurements are made at Vhigh - 50 mV, and Vhigh - 100 mV, and then the
measurements are extrapolated back to Vhigh.
Figure 4-8. Write Preamble Duration Timing Diagram
tWPREamb
DQS
(AMB)
0.5xVCC
Figure 4-9. Write Postamble Duration Timing Diagram
DQS
(A M B )
0.5x V C C
t W P S T a m b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com