| Electronic Components Datasheet Search |
|
82G35 Datasheet(PDF) 67 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
82G35 Datasheet(HTML) 67 Page - Intel Corporation |
|
67 / 351 page ![]() GMCH Register Description Datasheet 67 4.1 Register Terminology The following table shows the register-related terminology that is used. Item Description RO Read Only bit(s). Writes to these bits have no effect. RS/WC Read Set / Write Clear bit(s). These bits are set to ‘1’ when read and then will continue to remain set until written. A write of ‘1’ clears (sets to ‘0’) the corresponding bit(s) and a write of ‘0’ has no effect. R/W Read / Write bit(s). These bits can be read and written. R/WC Read / Write Clear bit(s). These bits can be read. Internal events may set this bit. A write of ‘1’ clears (sets to ‘0’) the corresponding bit(s) and a write of ‘0’ has no effect. R/WC/S Read / Write Clear / Sticky bit(s). These bits can be read. Internal events may set this bit. A write of ‘1’ clears (sets to ‘0’) the corresponding bit(s) and a write of ‘0’ has no effect. Bits are not cleared by "warm" reset, but will be reset with a cold/complete reset (for PCI Express* related bits a cold reset is “Power Good Reset” as defined in the PCI Express* Specification). R/W/K Read / Write / Key bit(s). These bits can be read and written by software. Additionally this bit when set, prohibits some other bit field(s) from being writeable (bit fields become Read Only). R/W/L Read / Write / Lockable bit(s). These bits can be read and written. Additionally there is a bit (which may or may not be a bit marked R/W/L) that, when set, prohibits this bit field from being writeable (bit field becomes Read Only). R/W/S Read / Write / Sticky bit(s). These bits can be read and written. Bits are not cleared by "warm" reset, but will be reset with a cold/complete reset (for PCI Express related bits a cold reset is “Power Good Reset” as defined in the PCI Express* Specification). R/WSC Read / Write Self Clear bit(s). These bits can be read and written. When the bit is ‘1’, hardware may clear the bit to ‘0’ based upon internal events, possibly sooner than any subsequent read could retrieve a ‘1’. R/WSC/L Read / Write Self Clear / Lockable bit(s). These bits can be read and written. When the bit is ‘1’, hardware may clear the bit to ‘0’ based upon internal events, possibly sooner than any subsequent read could retrieve a ‘1’. Additionally there is a bit (which may or may not be a bit marked R/W/L) that, when set, prohibits this bit field from being writeable (bit field becomes Read Only). R/WO Write Once bit(s). Once written, bits with this attribute become Read Only. These bits can only be cleared by a Reset. W Write Only. Whose bits may be written, but will always-return zeros when read. They are used for write side effects. Any data written to these registers cannot be retrieved. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |