Electronic Components Datasheet Search
  English  ▼

X  

82G35 Datasheet(PDF) 3 Page - Intel Corporation

Part # 82G35
Description  Express Chipset
PDF  351 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G35 Datasheet(HTML) 3 Page - Intel Corporation

  82G35 Datasheet HTML 1Page - Intel Corporation 82G35 Datasheet HTML 2Page - Intel Corporation 82G35 Datasheet HTML 3Page - Intel Corporation 82G35 Datasheet HTML 4Page - Intel Corporation 82G35 Datasheet HTML 5Page - Intel Corporation 82G35 Datasheet HTML 6Page - Intel Corporation 82G35 Datasheet HTML 7Page - Intel Corporation 82G35 Datasheet HTML 8Page - Intel Corporation 82G35 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 351 page
background image
Datasheet
3
Contents
1
Introduction ...................................................................................................18
1.1
Terminology ........................................................................................20
1.2
Reference Documents ...........................................................................22
1.3
GMCH Overview ...................................................................................23
1.3.1
Host Interface.........................................................................23
1.3.2
System Memory Interface.........................................................24
1.3.3
Direct Media Interface (DMI).....................................................25
1.3.4
PCI Express* Interface.............................................................25
1.3.5
Graphics Features ...................................................................26
1.3.6
SDVO and Analog Display Features ............................................26
1.3.7
GMCH Clocking .......................................................................27
1.3.8
Power Management .................................................................28
1.3.9
Thermal Sensor ......................................................................28
2
Signal Description ...........................................................................................30
2.1
Host Interface Signals...........................................................................31
2.2
DDR2 DRAM Channel A Interface ............................................................34
2.3
DDR2 DRAM Channel B Interface ............................................................35
2.4
DDR2 DRAM Reference and Compensation ...............................................36
2.5
PCI Express* Interface Signals ...............................................................36
2.6
Analog Display Signals ..........................................................................36
2.7
Clocks, Reset, and Miscellaneous ............................................................37
2.8
Direct Media Interface (DMI)..................................................................38
2.9
Controller Link (CL) ..............................................................................39
2.10
Intel® Serial DVO (SDVO) Interface ........................................................39
2.10.1
SDVO/PCI Express* Signal Mapping ...........................................41
2.11
Power, Ground.....................................................................................42
3
System Address Map .......................................................................................44
3.1
Legacy Address Range ..........................................................................46
3.1.1
DOS Range (0h – 9_FFFFh).......................................................48
3.1.2
Legacy Video Area (A_0000h–B_FFFFh) ......................................48
3.1.3
Expansion Area (C_0000h–D_FFFFh)..........................................48
3.1.4
Extended System BIOS Area (E_0000h-E_FFFFh).........................49
3.1.5
System BIOS Area (F_0000h – F_FFFFh) ....................................49
3.1.6
PAM Memory Area Details.........................................................50
3.1.7
Legacy Interrupt Routing..........................................................50
3.2
Main Memory Address Range (1MB – TOLUD) ...........................................50
3.2.1
ISA Hole (15MB-16MB) ............................................................51
3.2.2
TSEG.....................................................................................51
3.2.3
Pre-allocated Memory ..............................................................52
3.3
PCI Memory Address Range (TOLUD – 4GB) .............................................52
3.3.1
APIC Configuration Space (FEC0_0000h–FECF_FFFFh) ..................54
3.3.2
HSEG (FEDA_0000h–FEDB_FFFFh).............................................54
3.3.3
FSB Interrupt Memory Space (FEE0_0000–FEEF_FFFFh) ...............54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com