Electronic Components Datasheet Search
  English  ▼

X  

Z510 Datasheet(PDF) 23 Page - Intel Corporation

Part # Z510
Description  Intel Atom Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Z510 Datasheet(HTML) 23 Page - Intel Corporation

Back Button Z510 Datasheet HTML 19Page - Intel Corporation Z510 Datasheet HTML 20Page - Intel Corporation Z510 Datasheet HTML 21Page - Intel Corporation Z510 Datasheet HTML 22Page - Intel Corporation Z510 Datasheet HTML 23Page - Intel Corporation Z510 Datasheet HTML 24Page - Intel Corporation Z510 Datasheet HTML 25Page - Intel Corporation Z510 Datasheet HTML 26Page - Intel Corporation Z510 Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 73 page
background image
Low Power Features
Datasheet
23
2.3
Enhanced Intel SpeedStep® Technology
The processor features Enhanced Intel SpeedStep® Technology. The following are the
key features of Enhanced Intel SpeedStep® Technology:
•
Multiple voltage and frequency operating points providing optimal performance at
the lowest power.
•
Voltage and frequency selection is software controlled by writing to processor
MSRs:
If the target frequency is higher than the current frequency, VCC is ramped up
in steps by placing new values on the VID pins and the PLL then locks to the
new frequency.
If the target frequency is lower than the current frequency, the PLL locks to
the new frequency and the VCC is changed through the VID pin mechanism.
Software transitions are accepted at any time. If a previous transition is in
progress, the new transition is deferred until the previous transition
completes.
•
The processor controls voltage ramp rates internally to ensure glitch free
transitions.
•
Low transition latency and a large number of transitions are possible per second:
Processor core (including L2 cache) is unavailable for up to 10 µs during the
frequency transition.
— The bus protocol (BNR# mechanism) is used to block snooping.
•
Improved Intel Thermal Monitor mode:
When the on-die thermal sensor indicates that the die temperature is too high,
the processor can automatically perform a transition to a lower frequency and
voltage specified in a software programmable MSR.
The processor waits for a fixed time period. If the die temperature is down to
acceptable levels, an up transition to the previous frequency and voltage point
occurs.
An interrupt is generated for the up and down Intel Thermal Monitor
transitions enabling better system level thermal management.
•
Enhanced thermal management features:
Digital Thermal Sensor and Out of Specification detection
Intel Thermal Monitor 1 (TM1) in addition to Intel Thermal Monitor 2 (TM2) in
case of unsuccessful TM2 transition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com