Electronic Components Datasheet Search
  English  ▼

X  

Z510 Datasheet(PDF) 65 Page - Intel Corporation

Part # Z510
Description  Intel Atom Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Z510 Datasheet(HTML) 65 Page - Intel Corporation

Back Button Z510 Datasheet HTML 61Page - Intel Corporation Z510 Datasheet HTML 62Page - Intel Corporation Z510 Datasheet HTML 63Page - Intel Corporation Z510 Datasheet HTML 64Page - Intel Corporation Z510 Datasheet HTML 65Page - Intel Corporation Z510 Datasheet HTML 66Page - Intel Corporation Z510 Datasheet HTML 67Page - Intel Corporation Z510 Datasheet HTML 68Page - Intel Corporation Z510 Datasheet HTML 69Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 73 page
background image
Thermal Specifications and Design Considerations
Datasheet
65
5
Thermal Specifications and
Design Considerations
The processor requires a thermal solution to maintain temperatures within operating
limits as set forth in Section 5.1. Any attempt to operate the processor outside these
operating limits may result in permanent damage to the processor and potentially
other components in the system. As processor technology changes, thermal
management becomes increasingly crucial when building computer systems.
Maintaining the proper thermal environment is critical to reliable, long-term system
operation. A complete thermal solution includes both component and system level
thermal management features. Component level thermal solutions include active or
passive heat spreaders or heat exchangers attached to the exposed processor die. The
solution should make firm contact to the die while maintaining processor mechanical
specifications such as pressure. A typical system level thermal solution may consist of
a system fan used to evacuate or pull air through the system in conjunction with a
multi-component heat spreader used to reduce the temperature of the processor and
other components while maintaining as uniform a skin temperature as possible.
Alternatively, the processor may be in a fan-less system, but would likely still use a
multi-component heat spreader.
Note: Trading thermal solutions also involves trading performance.
To allow for the optimal operation and long-term reliability of Intel processor-based
systems, the system/processor thermal solution should be designed such that the
processor remains within the minimum and maximum junction temperature (TJ)
specifications at the corresponding thermal design power (TDP) value listed in
Table 16 and Table 17. Thermal solutions not designed to provide this level of thermal
capability may affect the long-term reliability of the processor and system.
Refer to the Intel Centrino Atom Platform Thermal Application Note document for
more details on processor and system level cooling approaches.
The maximum junction temperature is defined by an activation of the processor Intel
Thermal Monitor. Refer to Section 5.1.2 for more details. Analysis indicates that real
applications are unlikely to cause the processor to consume the theoretical maximum
power dissipation for sustained time periods. Intel recommends that complete thermal
solution designs target the TDP indicated in Table 16 and Table 17. The Intel Thermal
Monitor feature is designed to help protect the processor in the unlikely event that an
application exceeds the TDP recommendation for a sustained period of time. For more
details on the usage of this feature, refer to Section 5.1.2. In all cases the Intel
Thermal Monitor feature must be enabled for the processor to remain within
specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com