Electronic Components Datasheet Search
  English  ▼

X  

B450 Datasheet(PDF) 13 Page - Kemet Corporation

Part # B450
Description  Low Profile, Standard and Low ESR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

B450 Datasheet(HTML) 13 Page - Kemet Corporation

Back Button B450 Datasheet HTML 8Page - Kemet Corporation B450 Datasheet HTML 9Page - Kemet Corporation B450 Datasheet HTML 10Page - Kemet Corporation B450 Datasheet HTML 11Page - Kemet Corporation B450 Datasheet HTML 12Page - Kemet Corporation B450 Datasheet HTML 13Page - Kemet Corporation B450 Datasheet HTML 14Page - Kemet Corporation B450 Datasheet HTML 15Page - Kemet Corporation B450 Datasheet HTML 16Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
1) Other values upon request
CR
(20
°C,
120 Hz)
µF
Case size
DFmax
(20
°C,
120 Hz)
%
Ileak,max
(20
°C, V
R,
5 min)
µA
ESRmax1)
(20
°C,
100 kHz)
m
Ω
IAC,max
(20
°C,
100 kHz)
A
Ordering code
q Preliminary Data
* =
Code number for reel diameter
+ =
Capacitance tolerance
6 = 330-mm reel
9 = 180-mm reel
M =
±20%
K =
±10%
VR (up to 85
°C) = 25 VDC, V
R (up to 125
°C) = 16 VDC
15
V
6
3.8
500
0.50
B45025V156*+507
VR (up to 85
°C) = 35 VDC, V
R (up to 125
°C) = 23 VDC
6.8
V
6
2.4
600
0.46
B45035V685*+607
10
V
6
3.5
600
0.46
B45035V106*+607
Tantalum chip capacitors
B45190E/R, B45192E/R, B45194E/R, B450
Low Profile, Low ESR
Page 13 of 16
Please read Important notes and
Cautions and warnings at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com