Electronic Components Datasheet Search
  English  ▼

X  

B450 Datasheet(PDF) 2 Page - Kemet Corporation

Part # B450
Description  Low Profile, Standard and Low ESR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

B450 Datasheet(HTML) 2 Page - Kemet Corporation

  B450 Datasheet HTML 1Page - Kemet Corporation B450 Datasheet HTML 2Page - Kemet Corporation B450 Datasheet HTML 3Page - Kemet Corporation B450 Datasheet HTML 4Page - Kemet Corporation B450 Datasheet HTML 5Page - Kemet Corporation B450 Datasheet HTML 6Page - Kemet Corporation B450 Datasheet HTML 7Page - Kemet Corporation B450 Datasheet HTML 8Page - Kemet Corporation B450 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Construction
Polar tantalum capacitors with solid
electrolyte
Conventional TaMnO2 technology
Flame-retardant plastic case (UL 94 V-0)
Tinned terminals
Features
Reduced height: Hmax = 1.2 / 1.5 / 2.0 mm
High volumetric efficiency
Excellent solderability
Stable temperature and frequency characteristics
Low leakage current, low dissipation factor
Low self-inductance
High resistance to shock and vibration
Suitable for use without series resistor
(special operating conditions recommended)
Lead-free and material content compatible with RoHS
Applications
Telecommunications (e.g. mobile phones, infrastructure)
Data processing (e.g. laptops, mainframes)
Measuring and control engineering (e.g. voltage regulators)
Automotive electronics (e.g. navigation systems, electronic control units)
Medical engineering
Switch mode power supplies with very high clock frequencies (300 kHz)
DC/DC converters
Soldering
Suitable for reflow soldering (IR and vapor phase, in compliance with JEDEC J-STD-020 C) and
wave soldering
Delivery mode
Taped and reeled in accordance with IEC 60286-3
Tantalum chip capacitors
B45190E/R, B45192E/R, B45194E/R, B450
Low Profile, Standard and Low ESR
Page 2 of 16
Please read Important notes and
Cautions and warnings at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com