Electronic Components Datasheet Search
  English  ▼

X  

M40SZ100Y Datasheet(PDF) 6 Page - STMicroelectronics

Part # M40SZ100Y
Description  5 V or 3 V NVRAM supervisor for LPSRAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40SZ100Y Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M40SZ100Y Datasheet HTML 2Page - STMicroelectronics M40SZ100Y Datasheet HTML 3Page - STMicroelectronics M40SZ100Y Datasheet HTML 4Page - STMicroelectronics M40SZ100Y Datasheet HTML 5Page - STMicroelectronics M40SZ100Y Datasheet HTML 6Page - STMicroelectronics M40SZ100Y Datasheet HTML 7Page - STMicroelectronics M40SZ100Y Datasheet HTML 8Page - STMicroelectronics M40SZ100Y Datasheet HTML 9Page - STMicroelectronics M40SZ100Y Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Description
M40SZ100Y, M40SZ100W
6/24
Doc ID 7528 Rev 3
Table 1.
Signal names
Figure 2.
SOIC16 connections
E
Chip enable input
ECON
Conditioned chip enable output
RST
Reset output (open drain)
RSTIN
Reset input
BL
Battery low output (open drain)
VOUT
Supply voltage output
VCC
Supply voltage
VBAT
(1)
1.
For SO16 only.
Backup supply voltage
PFI
Power fail input
PFO
Power fail output
VSS
Ground
NC
Not connected internally
AI03935
8
2
3
4
5
6
710
16
15
14
13
12
11
1
RST
ECON
VSS
NC
NC
VCC
M40SZ100Y
M40SZ100W
PFO
VBAT
9
NC
RSTIN
BL
NC
PFI
NC
VOUT
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com