Electronic Components Datasheet Search
  English  ▼

X  

M40SZ100Y Datasheet(PDF) 18 Page - STMicroelectronics

Part # M40SZ100Y
Description  5 V or 3 V NVRAM supervisor for LPSRAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40SZ100Y Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M40SZ100Y Datasheet HTML 14Page - STMicroelectronics M40SZ100Y Datasheet HTML 15Page - STMicroelectronics M40SZ100Y Datasheet HTML 16Page - STMicroelectronics M40SZ100Y Datasheet HTML 17Page - STMicroelectronics M40SZ100Y Datasheet HTML 18Page - STMicroelectronics M40SZ100Y Datasheet HTML 19Page - STMicroelectronics M40SZ100Y Datasheet HTML 20Page - STMicroelectronics M40SZ100Y Datasheet HTML 21Page - STMicroelectronics M40SZ100Y Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Package mechanical data
M40SZ100Y, M40SZ100W
18/24
Doc ID 7528 Rev 3
5
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 12.
SO16 – 16-lead plastic small package outline
Note:
Drawing is not to scale.
Table 8.
SO16 – 16-lead plastic small outline package mechanical data
SO-b
E
N
CP
B
e
A2
D
C
L
A1
α
H
A
1
Symbol
mm
inches
Typ.
Min.
Max.
Typ.
Min.
Max.
A1.75
0.069
A1
0.10
0.25
0.004
0.010
A2
1.60
0.063
B
0.35
0.46
0.014
0.018
C
0.19
0.25
0.007
0.010
D
9.80
10.00
0.386
0.394
E
3.80
4.00
0.150
0.158
e
1.27
–
–
0.050
–
–
H
5.80
6.20
0.228
0.244
L
0.40
1.27
0.016
0.050
a
0°8°
0°8°
N16
16
CP
0.10
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com