Electronic Components Datasheet Search
  English  ▼

X  

BA10393F Datasheet(PDF) 4 Page - Rohm

Part # BA10393F
Description  Comparators : Ground Sense
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA10393F Datasheet(HTML) 4 Page - Rohm

  BA10393F Datasheet HTML 1Page - Rohm BA10393F Datasheet HTML 2Page - Rohm BA10393F Datasheet HTML 3Page - Rohm BA10393F Datasheet HTML 4Page - Rohm BA10393F Datasheet HTML 5Page - Rohm BA10393F Datasheet HTML 6Page - Rohm BA10393F Datasheet HTML 7Page - Rohm BA10393F Datasheet HTML 8Page - Rohm BA10393F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Technical Note
BA10393F,BA10339F/FV,BA2903SF/FV/FVM,BA2903F/FV/FVM,
BA2903HFVM-C,BA2901SF/FV/KN,BA2901F/FV/KN
4/19
www.rohm.com
2010.05 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
○BA2903HFVM-C (Unless otherwise specified VCC=+5[V], VEE=0[V])
Parameter
Symbol
Temperature
range
Guaranteed limit
Unit
Condition
Min.
Typ.
Max.
Input Offset Voltage
(*3)
Vio
25℃
-
2
5
mV
VOUT=1.4[V]
Full range
(*4)
-
-
15
VCC=5~36[V],VOUT=1.4[V]
Input Offset Current
(*3)
Iio
25℃
-
5
50
nA
VOUT=1.4[V]
v
-
-
200
Input Bias Current
(*3)
Ib
25℃
-
50
250
nA
VOUT=1.4[V]
Full range
(*4)
-
-
500
Input Common-mode
Voltage Range
Vicm
25℃
0
-
VCC-1.5
V
-
Full range
(*4)
0
-
VCC-2.0
Large Signal Voltage Gain
AV
25℃
88
100
-
dB
VCC=15[V],VOUT=1.4~11.4[V]
RL=15[k
Ω],VRL=15[V]
Full range
(*4)
74
-
-
Supply Current
ICC
25℃
-
0.6
1
mA
VOUT=open
Full range
(*4)
-
-
2.5
VOUT=open,VCC=36[V]
Output Sink Current
(*4)
IOL
25℃
6
16
-
mA
VIN+=0[V],VIN=1[V],VOL=1.5[V]
Output Saturation Voltage
(Low Level Output Voltage)
VOL
25℃
-
150
400
mV
VIN+=0[V],VIN-=1[V],IOL=4[mA]
Full range
(*4)
-
-
700
Output Leakage Current
(High Level Output Current)
Ileak
25℃
-
0.1
-
nA
VIN+=1[V],VIN-=0[V],VOH=5[V]
Full range
(*4)
-
-
1
μA
VIN+=1[V],VIN-=0[V],VOH=36[V]
Response Time
Tre
25℃
-
-
-
μs
RL=5.1[k
Ω],VRL=5[V]
VIN=100[mVp-p],overdrive=5[mV]
-
-
-
RL=5.1[k
Ω],VRL=5[V],VIN=TTL
Logic Swing,VREF=1.4[V]
Operable Frequency
Fopr
25℃
100
-
-
kHz
VCC=5[V],RL=2[k
Ω], VIN+=1.5[V]
VIN-=5[Vp-p]
(Duty 50% Rectangular Pulse)
(*3)
Absolute value
(*4)
BA2903HFVM-C:Full range -40[℃]~+125[℃]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com