Electronic Components Datasheet Search
  English  ▼

X  

BA10393F Datasheet(PDF) 7 Page - Rohm

Part # BA10393F
Description  Comparators : Ground Sense
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA10393F Datasheet(HTML) 7 Page - Rohm

Back Button BA10393F Datasheet HTML 3Page - Rohm BA10393F Datasheet HTML 4Page - Rohm BA10393F Datasheet HTML 5Page - Rohm BA10393F Datasheet HTML 6Page - Rohm BA10393F Datasheet HTML 7Page - Rohm BA10393F Datasheet HTML 8Page - Rohm BA10393F Datasheet HTML 9Page - Rohm BA10393F Datasheet HTML 10Page - Rohm BA10393F Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Technical Note
BA10393F,BA10339F/FV,BA2903SF/FV/FVM,BA2903F/FV/FVM,
BA2903HFVM-C,BA2901SF/FV/KN,BA2901F/FV/KN
7/19
www.rohm.com
2010.05 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
○BA10339 family
(*)The data above is ability value of sample, it is not guaranteed.
-8
-6
-4
-2
0
2
4
6
8
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
-50
-40
-30
-20
-10
0
10
20
30
40
50
0
10
203040
SUPPLY VOLTAGE [V]
0
10
20
30
40
50
-50
-25
0
25
50
75
100
AMBIENT TEMPERAUTRE [℃]
0
0.2
0.4
0.6
0.8
1
0
10
203040
SUPPLY VOLTAGE [V]
0
0.2
0.4
0.6
0.8
1
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [
℃]
-8
-6
-4
-2
0
2
4
6
8
010
20
30
40
SUPPLY VOLTAGE [V]
0
100
200
300
400
500
0
10203040
SUPPLY VOLTAGE [V]
0
100
200
300
400
500
-50
-25
0
255075
100
AMBIENT TEMPERATURE [℃]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
02
46
8
10 12 14 16 18 20
OUTPUT SINK CURRENT [mA]
0
10
20
30
40
50
010
20
30
40
SUPPLY VOLTAGE [V]
0
10
20
30
40
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
Supply Current - Ambient Temperature
Supply Current - Supply Voltage
85℃
25℃
-40℃
BA10339 family
3V
5V
36V
BA10339 family
3V
5V
36V
BA10339 family
BA10339 family
25℃
85℃
-40℃
BA10339 family
2V
36V
5V
-40℃
25℃
85℃
BA10339 family
0
200
400
600
800
1000
0
255075
100
125
AMBIENT TEMPERATURE [℃]
.
BA10339FV
BA10339 family
BA10339F
BA10339 family
-40℃
25℃
85℃
BA10339 family
2V
36V
5V
BA10339 family
-40℃
25℃
85℃
BA10339 family
-40℃
25℃
85℃
36V
3V
BA10339 family
5V
Input Offset Current – Supply Voltage
Input Bias Current – Supply Voltage
Input Bias Current – Ambient Temperature
Input Offset Voltage – Ambient Temperature
Input Offset Voltage - Supply Voltage
Low Level Output Voltage
– Output Sink Current(VCC=5[V])
Output Saturation Voltage – Ambient Temperature
(IOL=4[mA])
Output Sink Current - Ambient Temperature
(VOUT=1.5[V])
Output Saturation Voltage – Supply Voltage
(IOL=4[mA])
Derating Curve
Fig. 21
Fig. 22
Fig. 23
Fig. 24
Fig. 25
Fig. 26
Fig. 27
Fig. 28
Fig. 29
Fig. 30
Fig. 31
Fig. 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com