Electronic Components Datasheet Search
  English  ▼

X  

330 Datasheet(PDF) 30 Page - Intel Corporation

Part # 330
Description  Celeron D Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

330 Datasheet(HTML) 30 Page - Intel Corporation

Back Button 330 Datasheet HTML 26Page - Intel Corporation 330 Datasheet HTML 27Page - Intel Corporation 330 Datasheet HTML 28Page - Intel Corporation 330 Datasheet HTML 29Page - Intel Corporation 330 Datasheet HTML 30Page - Intel Corporation 330 Datasheet HTML 31Page - Intel Corporation 330 Datasheet HTML 32Page - Intel Corporation 330 Datasheet HTML 33Page - Intel Corporation 330 Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 82 page
background image
30
Datasheet
Electrical Specifications
2.13
GTL+ FSB Specifications
Termination resistors are not required for most GTL+ signals; they are integrated into the processor
silicon.
Valid high and low levels are determined by the input buffers that compare a signal’s voltage with a
reference voltage called GTLREF. Table 2-18 lists the GTLREF specifications. The GTL+
reference voltage (GTLREF) should be generated on the system board using high precision voltage
divider circuits.
§
Table 2-18. GTL+ Bus Voltage Definitions
Symbol
Parameter
Min
Typ
Max
Units
Notes1
NOTES:
1.
Unless otherwise noted, all specifications in this table apply to all processor frequencies.
GTLREF_compatible
Bus Reference Voltage
0.98 * (2/3 VCC)2/3 VCC
1.02 * (2/3 VCC)V
2,3,4,5
2.
The tolerances for this specification have been stated generically to enable the system designer to calculate the mini-
mum and maximum values across the range of VCC.
3.
GTLREF should be generated from VCC by a voltage divider of 1% resistors or 1% matched resistors.
4.
The VCC referred to in these specifications is the instantaneous VCC.
5.
These specifications are different depending on whether the platform is forward compatible to the Celeron D processor
or if it is optimized for the Celeron D processor. A compatible platform is one that is designed for a previous generation
processor but has some level of compatibility with the Celeron D processor. An optimized platform is one designed spe-
cifically for the Celeron D processor; however, it may have some level of compatibility with previous generation proces-
sors.
GTLREF_optimized
Bus Reference Voltage
(0.98 * 0.63) * VCC 0.63 * VCC (1.02 * 0.63) * VCC
V
2,3,4,5
R_pullup
On die pull-up for
BOOTSELECT and
OPTIMIZED/
COMPAT# pins
500
—
5000
Ω
5,6
6.
These pull-ups are to the internal VCCVID supply.
R
TT
_compatible
Termination
Resistance
45
50
55
Ω
5,7
7.
RTT is the on-die termination resistance measured at VCC/2 of the GTL+ output driver.
R
TT
_optimized
Termination
Resistance
54
60
66
Ω
5
COMP[1:0]_compatible
COMP Resistance
49.4
49.9
50.4
Ω
5,8
8.
COMP resistance must be provided on the system board with 1% resistors.
COMP[1:0]_optimized
COMP Resistance
61.3
61.9
62.5
Ω
5,8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com