| Electronic Components Datasheet Search |
|
330 Datasheet(PDF) 42 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
330 Datasheet(HTML) 42 Page - Intel Corporation |
|
42 / 82 page ![]() Pin Listing and Signal Descriptions 42 Datasheet Table 4-1. Alphabetical Pin Assignment Pin Name Pin # Signal Buffer Type Direction A3# K2 Source Synch Input/Output A4# K4 Source Synch Input/Output A5# L6 Source Synch Input/Output A6# K1 Source Synch Input/Output A7# L3 Source Synch Input/Output A8# M6 Source Synch Input/Output A9# L2 Source Synch Input/Output A10# M3 Source Synch Input/Output A11# M4 Source Synch Input/Output A12# N1 Source Synch Input/Output A13# M1 Source Synch Input/Output A14# N2 Source Synch Input/Output A15# N4 Source Synch Input/Output A16# N5 Source Synch Input/Output A17# T1 Source Synch Input/Output A18# R2 Source Synch Input/Output A19# P3 Source Synch Input/Output A20# P4 Source Synch Input/Output A21# R3 Source Synch Input/Output A22# T2 Source Synch Input/Output A23# U1 Source Synch Input/Output A24# P6 Source Synch Input/Output A25# U3 Source Synch Input/Output A26# T4 Source Synch Input/Output A27# V2 Source Synch Input/Output A28# R6 Source Synch Input/Output A29# W1 Source Synch Input/Output A30# T5 Source Synch Input/Output A31# U4 Source Synch Input/Output A32# V3 Source Synch Input/Output A33# W2 Source Synch Input/Output A34# Y1 Source Synch Input/Output A35# AB1 Source Synch Input/Output A20M# C6 Asynch GTL+ Input ADS# G1 Common Clock Input/Output ADSTB0# L5 Source Synch Input/Output ADSTB1# R5 Source Synch Input/Output AP0# AC1 Common Clock Input/Output AP1# V5 Common Clock Input/Output BCLK0 AF22 Bus Clock Input BCLK1 AF23 Bus Clock Input BINIT# AA3 Common Clock Input/Output BNR# G2 Common Clock Input/Output BOOTSELECT AD1 Power/Other Input BPM0# AC6 Common Clock Input/Output BPM1# AB5 Common Clock Input/Output BPM2# AC4 Common Clock Input/Output BPM3# Y6 Common Clock Input/Output BPM4# AA5 Common Clock Input/Output BPM5# AB4 Common Clock Input/Output BPRI# D2 Common Clock Input BR0# H6 Common Clock Input/Output BSEL0 AD6 Power/Other Output BSEL1 AD5 Power/Other Output COMP0 L24 Power/Other Input COMP1 P1 Power/Other Input D0# B21 Source Synch Input/Output D1# B22 Source Synch Input/Output D2# A23 Source Synch Input/Output D3# A25 Source Synch Input/Output D4# C21 Source Synch Input/Output D5# D22 Source Synch Input/Output D6# B24 Source Synch Input/Output D7# C23 Source Synch Input/Output D8# C24 Source Synch Input/Output D9# B25 Source Synch Input/Output D10# G22 Source Synch Input/Output D11# H21 Source Synch Input/Output D12# C26 Source Synch Input/Output D13# D23 Source Synch Input/Output D14# J21 Source Synch Input/Output D15# D25 Source Synch Input/Output D16# H22 Source Synch Input/Output D17# E24 Source Synch Input/Output D18# G23 Source Synch Input/Output D19# F23 Source Synch Input/Output D20# F24 Source Synch Input/Output D21# E25 Source Synch Input/Output D22# F26 Source Synch Input/Output D23# D26 Source Synch Input/Output D24# L21 Source Synch Input/Output D25# G26 Source Synch Input/Output Table 4-1. Alphabetical Pin Assignment Pin Name Pin # Signal Buffer Type Direction |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |