Electronic Components Datasheet Search
  English  ▼

X  

347 Datasheet(PDF) 88 Page - Intel Corporation

Part # 347
Description  Celeron D Processor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

347 Datasheet(HTML) 88 Page - Intel Corporation

Back Button 347 Datasheet HTML 84Page - Intel Corporation 347 Datasheet HTML 85Page - Intel Corporation 347 Datasheet HTML 86Page - Intel Corporation 347 Datasheet HTML 87Page - Intel Corporation 347 Datasheet HTML 88Page - Intel Corporation 347 Datasheet HTML 89Page - Intel Corporation 347 Datasheet HTML 90Page - Intel Corporation 347 Datasheet HTML 91Page - Intel Corporation 347 Datasheet HTML 92Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 95 page
background image
Features
88
Datasheet
While in the Stop-Grant State, SMI#, INIT#, BINIT# and LINT[1:0] will be latched by
the processor, and only serviced when the processor returns to the Normal State. Only
one occurrence of each event will be recognized upon return to the Normal state.
While in Stop-Grant state, the processor will process a FSB snoop.
6.2.4
Enhanced HALT Snoop or HALT Snoop State,
Stop Grant Snoop State
The Enhanced HALT Snoop State is used in conjunction with the new Enhanced HALT
state. If Enhanced HALT state is not enabled in the BIOS, the default Snoop State
entered will be the HALT Snoop State. Refer to the sections below for details on HALT
Snoop State, Grant Snoop State and Enhanced HALT Snoop State.
6.2.4.1
HALT Snoop State, Stop Grant Snoop State
The processor will respond to snoop transactions on the FSB while in Stop-Grant state
or in HALT Power Down state. During a snoop transaction, the processor enters the
HALT Snoop State:Stop Grant Snoop state. The processor will stay in this state until the
snoop on the FSB has been serviced (whether by the processor or another agent on the
FSB). After the snoop is serviced, the processor will return to the Stop Grant state or
HALT Power Down state, as appropriate.
6.2.4.2
Enhanced HALT Snoop State
The Enhanced HALT Snoop State is the default Snoop State when the Enhanced HALT
state is enabled via the BIOS. The processor will remain in the lower bus ratio and VID
operating point of the Enhanced HALT state.
While in the Enhanced HALT Snoop State, snoops are handled the same way as in the
HALT Snoop State. After the snoop is serviced the processor will return to the Enhanced
HALT state.
§ §



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com