Electronic Components Datasheet Search
  English  ▼

X  

570 Datasheet(PDF) 83 Page - Intel Corporation

Part # 570
Description  Pentium 4 Processors Supporting Hyper-Threading Technology
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

570 Datasheet(HTML) 83 Page - Intel Corporation

Back Button 570 Datasheet HTML 79Page - Intel Corporation 570 Datasheet HTML 80Page - Intel Corporation 570 Datasheet HTML 81Page - Intel Corporation 570 Datasheet HTML 82Page - Intel Corporation 570 Datasheet HTML 83Page - Intel Corporation 570 Datasheet HTML 84Page - Intel Corporation 570 Datasheet HTML 85Page - Intel Corporation 570 Datasheet HTML 86Page - Intel Corporation 570 Datasheet HTML 87Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 96 page
background image
Datasheet
83
Thermal Specifications and Design Considerations
5.2.7
Thermal Diode
The processor incorporates an on-die thermal diode. A thermal sensor located on the system board
may monitor the die temperature of the processor for thermal management/long term die
temperature change purposes. Table 5-4 and Table 5-5 provide the diode parameter and interface
specifications. This thermal diode is separate from the Thermal Monitor’s thermal sensor and
cannot be used to predict the behavior of the Thermal Monitor.
§
Table 5-4. Thermal Diode Parameters
Symbol
Parameter
Min
Typ
Max
Unit
Notes
IFW
Forward Bias Current
11
187
µA
1
NOTES:
1.
Intel does not support or recommend operation of the thermal diode under reverse bias.
n
Diode Ideality Factor
1.0083
1.011
1.023
2, 3, 4, 5
2.
Characterized at 75 °C.
3.
Not 100% tested. Specified by design characterization.
4.
The ideality factor, n, represents the deviation from ideal diode behavior as exemplified by the diode equation:
IFW = IS * (e
qV
D
/nkT –1)
where IS = saturation current, q = electronic charge, VD = voltage across the diode, k = Boltzmann
Constant, and T = absolute temperature (Kelvin).
5.
Devices found to have an ideality factor of 1.0183 to 1.023 will create a temperature error approximately 2 C° higher than
the actual temperature. To minimize any potential acoustic impact of this temperature error, TCONTROL will be increased by
2 C° on these parts.
RT
Series Resistance
3.242
3.33
3.594
Ω
2, 3, 6
6.
The series resistance, RT, is provided to allow for a more accurate measurement of the thermal diode temperature. RT, as
defined, includes the pins of the processor but does not include any socket resistance or board trace resistance between
the socket and the external remote diode thermal sensor. RT can be used by remote diode thermal sensors with automatic
series resistance cancellation to calibrate out this error term. Another application is that a temperature offset can be manu-
ally calculated and programmed into an offset register in the remote diode thermal sensors as exemplified by the equation:
Terror = [RT * (N-1) * IFWmin] / [nk/q * ln N]
where Terror = sensor temperature error, N = sensor current ratio, k = Boltzmann Constant, q = electronic
charge.
Table 5-5. Thermal Diode Interface
Signal Name
Land Number
Signal Description
THERMDA
AL1
diode anode
THERMDC
AK1
diode cathode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com