Electronic Components Datasheet Search
  English  ▼

X  

570 Datasheet(PDF) 91 Page - Intel Corporation

Part # 570
Description  Pentium 4 Processors Supporting Hyper-Threading Technology
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

570 Datasheet(HTML) 91 Page - Intel Corporation

Back Button 570 Datasheet HTML 87Page - Intel Corporation 570 Datasheet HTML 88Page - Intel Corporation 570 Datasheet HTML 89Page - Intel Corporation 570 Datasheet HTML 90Page - Intel Corporation 570 Datasheet HTML 91Page - Intel Corporation 570 Datasheet HTML 92Page - Intel Corporation 570 Datasheet HTML 93Page - Intel Corporation 570 Datasheet HTML 94Page - Intel Corporation 570 Datasheet HTML 95Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 96 page
background image
Datasheet
91
Boxed Processor Specifications
7.1.2
Boxed Processor Fan Heatsink Weight
The boxed processor fan heatsink will not weigh more than 450 grams. See Chapter 5 and the
Intel® Pentium® 4 Processor on 90 nm Process in the 775-Land Package Thermal Design
Guidelines for details on the processor weight and heatsink requirements.
7.1.3
Boxed Processor Retention Mechanism and Heatsink
Attach Clip Assembly
The boxed processor thermal solution requires a heatsink attach clip assembly, to secure the
processor and fan heatsink in the baseboard socket. The boxed processor will ship with the heatsink
attach clip assembly.
7.2
Electrical Requirements
7.2.1
Fan Heatsink Power Supply
The boxed processor's fan heatsink requires a +12 V power supply. A fan power cable will be
shipped with the boxed processor to draw power from a power header on the baseboard. The power
cable connector and pinout are shown in Figure 7-5. Baseboards must provide a matched power
header to support the boxed processor. Table 7-1 contains specifications for the input and output
signals at the fan heatsink connector.
Figure 7-4. Space Requirements for the Boxed Processor (Overall View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com