Electronic Components Datasheet Search
  English  ▼

X  

420 Datasheet(PDF) 11 Page - Intel Corporation

Part # 420
Description  Celeron M Processor on 65 nm Process
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

420 Datasheet(HTML) 11 Page - Intel Corporation

Back Button 420 Datasheet HTML 7Page - Intel Corporation 420 Datasheet HTML 8Page - Intel Corporation 420 Datasheet HTML 9Page - Intel Corporation 420 Datasheet HTML 10Page - Intel Corporation 420 Datasheet HTML 11Page - Intel Corporation 420 Datasheet HTML 12Page - Intel Corporation 420 Datasheet HTML 13Page - Intel Corporation 420 Datasheet HTML 14Page - Intel Corporation 420 Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
Datasheet
11
Low Power Features
2
Low Power Features
2.1
Clock Control and Low Power States
The Celeron M processor supports the C1/AutoHALT, C1/MWAIT, Stop Grant, Sleep, and
Deep Sleep for power management. See Figure 1 for a visual representation of package
level low-power states for the Celeron M processor. Package low power states include
Normal, Stop Grant, Stop Grant Snoop, Sleep and Deep Sleep. Refer Figure 2 for a
visual representation of the core low-power states for the Celeron M processor.
The Celeron M processor implements two software interfaces for requesting low power
states: MWAIT instruction extensions with sub-state hints and P_LVLx reads to the
ACPI P_BLK register block mapped in the processor’s I/O address space. The P_LVLx
I/O reads are converted to equivalent MWAIT C-state requests inside the processor and
do not directly result in I/O reads on the processor FSB. The monitor address does not
need to be setup before using the P_LVLx I/O read interface. The sub-state hints used
for each P_LVLx read can be configured through the IA32_MISC_ENABLES model
specific register (MSR).
If the processor encounters a chipset break event while STPCLK# is asserted, it asserts
the PBE# output signal. Assertion of PBE# when STPCLK# is asserted indicates to
system logic that the processor should return to the Normal state.
NOTE: (1)AutoHALT or MWAIT/C1
Table 1.
Coordination of Core-Level Low Power States at the Package Level for the
Celeron M Processor
Core States
Package States
C0
Normal
C1(1)
Normal
C2
Stop Grant
C3
Deep Sleep
Figure 1.
Package-Level Low Power States
Stop
Grant
Snoop
Normal
Stop
Grant
Deep
Sleep
STPCLK# asserted
Snoop
serviced
Snoop
occurs
Sleep
SLP# asserted
SLP# de-asserted
DPSLP# asserted
DPSLP# de-asserted
STPCLK# de-asserted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com