Electronic Components Datasheet Search
  English  ▼

X  

420 Datasheet(PDF) 17 Page - Intel Corporation

Part # 420
Description  Celeron M Processor on 65 nm Process
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

420 Datasheet(HTML) 17 Page - Intel Corporation

Back Button 420 Datasheet HTML 13Page - Intel Corporation 420 Datasheet HTML 14Page - Intel Corporation 420 Datasheet HTML 15Page - Intel Corporation 420 Datasheet HTML 16Page - Intel Corporation 420 Datasheet HTML 17Page - Intel Corporation 420 Datasheet HTML 18Page - Intel Corporation 420 Datasheet HTML 19Page - Intel Corporation 420 Datasheet HTML 20Page - Intel Corporation 420 Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 71 page
background image
Datasheet
17
Electrical Specifications
3
Electrical Specifications
3.1
FSB (Front Side Bus) and GTLREF
Most Celeron M processor FSB signals use Advanced Gunning Transceiver Logic
(AGTL+) signalling technology. This signalling technology provides improved noise
margins and reduced ringing through low-voltage swings and controlled edge rates.
The termination voltage level for the Celeron M processor AGTL+ signals is VCCP =
1.05 V (nominal). Due to speed improvements to data and address bus, signal integrity
and platform design methods have become more critical than with previous processor
families. Contact your Intel representative for more information on design guidelines
for the Celeron M processor FSB.
The AGTL+ inputs require a reference voltage (GTLREF) that is used by the receivers to
determine if a signal is a logical 0 or a logical 1. GTLREF must be generated on the
system board. Termination resistors are provided on the processor silicon and are
terminated to its I/O voltage (VCCP). Intel® 945GMS and 940GML Express Chipsets will
also provide on-die termination, thus eliminating the need to terminate the bus on the
system board for most AGTL+ signals.
Refer to your Intel representative for board level termination resistor requirements.
The AGTL+ bus depends on incident wave switching. Therefore, timing calculations for
AGTL+ signals are based on flight time as opposed to capacitive deratings. Analog
signal simulation of the FSB, including trace lengths, is highly recommended when
designing a system.
3.2
Power and Ground Pins
For clean, on-chip power distribution, the Celeron M processor will have a large number
of VCC (power) and VSS (ground) inputs. All power pins must be connected to VCC power
planes while all VSS pins must be connected to system ground planes. Use of multiple
power and ground planes is recommended to reduce I*R drop. Please contact your
Intel representative for more details. The processor VCC pins must be supplied the
voltage determined by the VID (Voltage ID) pins.
3.3
Decoupling Guidelines
Due to its large number of transistors and high internal clock speeds, the processor is
capable of generating large average current swings between low and full power states.
This may cause voltages on power planes to sag below their minimum values if bulk
decoupling is not adequate.
Caution:
Care must be taken in the board design to ensure that the voltage provided to the
processor remains within the specifications listed in Table 6. Failure to do so can result
in timing violations or reduced lifetime of the component. For further information and
design guidelines, contact your Intel representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com