Electronic Components Datasheet Search
  English  ▼

X  

T7600 Datasheet(PDF) 3 Page - Intel Corporation

Part # T7600
Description  Intel Core2 Duo Mobile Processor for Intel Centrino Duo Mobile Processor Technology
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

T7600 Datasheet(HTML) 3 Page - Intel Corporation

  T7600 Datasheet HTML 1Page - Intel Corporation T7600 Datasheet HTML 2Page - Intel Corporation T7600 Datasheet HTML 3Page - Intel Corporation T7600 Datasheet HTML 4Page - Intel Corporation T7600 Datasheet HTML 5Page - Intel Corporation T7600 Datasheet HTML 6Page - Intel Corporation T7600 Datasheet HTML 7Page - Intel Corporation T7600 Datasheet HTML 8Page - Intel Corporation T7600 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 91 page
background image
Datasheet
3
Contents
1Introduction ..............................................................................................................7
1.1
Terminology .......................................................................................................9
1.2
References ....................................................................................................... 10
2
Low Power Features ................................................................................................ 11
2.1
Clock Control and Low Power States .................................................................... 11
2.1.1
Core Low Power State Descriptions ........................................................... 13
2.1.2
Package Low Power State Descriptions ...................................................... 15
2.2
Enhanced Intel SpeedStep® Technology .............................................................. 18
2.3
Extended Low Power States ................................................................................ 19
2.4
FSB Low Power Enhancements ............................................................................ 19
2.5
Processor Power Status Indicator (PSI#) Signal..................................................... 20
3
Electrical Specifications ........................................................................................... 21
3.1
Power and Ground Pins ...................................................................................... 21
3.2
FSB Clock (BCLK[1:0]) and Processor Clocking...................................................... 21
3.3
Voltage Identification ......................................................................................... 21
3.4
Catastrophic Thermal Protection .......................................................................... 25
3.5
Reserved and Unused Pins.................................................................................. 25
3.6
FSB Frequency Select Signals (BSEL[2:0])............................................................ 26
3.7
FSB Signal Groups............................................................................................. 26
3.8
CMOS Signals ................................................................................................... 28
3.9
Maximum Ratings.............................................................................................. 28
3.10 Processor DC Specifications ................................................................................ 29
4
Package Mechanical Specifications and Pin Information .......................................... 39
4.1
Package Mechanical Specifications ....................................................................... 39
4.2
Processor Pinout and Pin List .............................................................................. 49
4.3
Alphabetical Signals Reference ............................................................................ 73
5
Thermal Specifications and Design Considerations .................................................. 81
5.1
Thermal Specifications ....................................................................................... 85
5.1.1
Thermal Diode ....................................................................................... 85
5.1.2
Thermal Diode Offset .............................................................................. 85
5.1.3
Intel® Thermal Monitor........................................................................... 87
5.1.4
Digital Thermal Sensor............................................................................ 89
5.1.5
Out of Specification Detection .................................................................. 90
5.1.6
PROCHOT# Signal Pin ............................................................................. 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com