Electronic Components Datasheet Search
  English  ▼

X  

T7600 Datasheet(PDF) 4 Page - Intel Corporation

Part # T7600
Description  Intel Core2 Duo Mobile Processor for Intel Centrino Duo Mobile Processor Technology
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

T7600 Datasheet(HTML) 4 Page - Intel Corporation

  T7600 Datasheet HTML 1Page - Intel Corporation T7600 Datasheet HTML 2Page - Intel Corporation T7600 Datasheet HTML 3Page - Intel Corporation T7600 Datasheet HTML 4Page - Intel Corporation T7600 Datasheet HTML 5Page - Intel Corporation T7600 Datasheet HTML 6Page - Intel Corporation T7600 Datasheet HTML 7Page - Intel Corporation T7600 Datasheet HTML 8Page - Intel Corporation T7600 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 91 page
background image
4
Datasheet
Figures
1
Core Low Power States..............................................................................................12
2
Package Low Power States.........................................................................................13
3
Deeper Sleep VCC and ICC Loadline for Dual-core Standard Voltage Processors..................34
4
Deeper Sleep VCC and ICC Loadline for Dual-core Low Voltage and
Ultra Low Voltage Processor.......................................................................................35
5Active VCC and ICC Loadline for Intel Core 2 Solo Processor, Ultra Low Voltage..................36
6
4-MB and 2-MB Fused Micro-FCPGA Processor Package Drawing .....................................40
7
4-MB and 2-MB Fused Micro-FCPGA Processor Package Drawing .....................................41
8
2-MB Micro-FCPGA Processor Package Drawing.............................................................42
9
2-MB Micro-FCPGA Processor Package Drawing.............................................................43
10 4-MB and 2-MB Fused Micro-FCBGA Processor Package Drawing .....................................44
11 4-MB and 2-MB Fused Micro-FCBGA Processor Package Drawing .....................................45
12 2-MB Micro-FCBGA Processor Package Drawing ............................................................46
13 1-MB Micro-FCBGA Processor Package Drawing (2 of 2) .................................................47
14 1-MB Micro-FCBGA Processor Package Drawing (2 of 2) .................................................48
Tables
1
Coordination of Core Low Power States at the Package Level ..........................................13
2
Voltage Identification Definition..................................................................................22
3
BSEL[2:0] Encoding for BCLK Frequency......................................................................26
4
FSB Pin Groups ........................................................................................................27
5
Processor Absolute Maximum Ratings..........................................................................28
6
Voltage and Current Specifications for Dual-core Standard Voltage Processors ..................29
7
Voltage and Current Specifications for Dual-core Low Voltage Processors .........................31
8
Voltage and Current Specifications for Single and Dual-core Ultra Low Voltage Processors ..32
9
AGTL+ Signal Group DC Specifications ........................................................................37
10 CMOS Signal Group DC Specifications..........................................................................38
11 Open Drain Signal Group DC Specifications ..................................................................38
12 The Coordinates of the Processor Pins as Viewed from the Top of the Package
(Sheet 1 of 2) ..........................................................................................................50
13 The Coordinates of the Processor Pins as Viewed from the Top of the Package
(Sheet 2 of 2) ..........................................................................................................51
14 Pin Listing by Pin Name .............................................................................................53
15 Pin Listing by Pin Number ..........................................................................................64
16 Signal Description.....................................................................................................73
17 Power Specifications for the Dual-core Standard Voltage Processor..................................82
18 Power Specifications for the Dual-core Low Voltage Processor.........................................83
19 Power Specifications for the Single and Dual-core Ultra Low Voltage Processor..................84
20 Thermal Diode ntrim and Diode Correction Toffset ........................................................86
21 Thermal Diode Interface ............................................................................................86
22 Thermal Diode Parameters using Diode Mode ...............................................................86
23 Thermal Diode Parameters Using Transistor Model ........................................................87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com