Electronic Components Datasheet Search
  English  ▼

X  

T7200 Datasheet(PDF) 7 Page - Intel Corporation

Part # T7200
Description  Intel Core2 Duo Mobile Processor for Intel Centrino Duo Mobile Processor Technology
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

T7200 Datasheet(HTML) 7 Page - Intel Corporation

Back Button T7200 Datasheet HTML 3Page - Intel Corporation T7200 Datasheet HTML 4Page - Intel Corporation T7200 Datasheet HTML 5Page - Intel Corporation T7200 Datasheet HTML 6Page - Intel Corporation T7200 Datasheet HTML 7Page - Intel Corporation T7200 Datasheet HTML 8Page - Intel Corporation T7200 Datasheet HTML 9Page - Intel Corporation T7200 Datasheet HTML 10Page - Intel Corporation T7200 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 91 page
background image
Datasheet
7
Introduction
1
Introduction
The Intel® Core™2 Duo mobile processor for Intel® Centrino® Duo mobile technology
based on the Intel® 945 Express Chipset family is built on 65-nanometer process
technology and is the next generation high-performance, low-power mobile processor
based on the Intel® Core™ architecture.
Note:
All references to the word “processor” in this document are references to the Intel Core
2 Duo mobile processor with 533- and 667-MHz front side bus (FSB), unless specified
otherwise.
The following list provides some of the key features on this processor:
• Dual-core processor for mobile with enhanced performance
• Intel® 64 architecture
• Supports Intel Architecture with Dynamic Execution
• On-die, primary 32-kB instruction cache and 32-kB write-back data cache per core
• On-die, up to 4-MB second level shared cache with Advanced Transfer Cache
Architecture
• Data Prefetch Logic
• Streaming SIMD Extensions 2 (SSE2), Streaming SIMD Extensions 3 (SSE3) and
Supplemental Streaming SIMD Extensions 3 (SSSE3)
• 667-MHz, Source-Synchronous FSB for Standard Voltage processors
• Advanced Power Management features including Enhanced Intel SpeedStep®
Technology
• Intel® Enhanced Deeper Sleep state and Dynamic Cache Sizing
• Digital Thermal Sensor
• Micro-FCPGA and Micro-FCBGA packaging technologies
• Intel® Virtualization Technology
• Execute Disable Bit support for enhanced security
Note:
64-bit computing on Intel architecture requires a computer system with a processor,
chipset, BIOS, operating system, device drivers and applications enabled for Intel 64
architecture. Processors will not operate (including 32-bit operation) without an Intel
64 architecture-enabled BIOS. Performance will vary depending on your hardware and
software configurations. Consult with your system vendor for more information.
The Intel Core 2 Duo mobile processor will be manufactured on Intel’s 65-nanometer
process technology. The processor maintains support for MMXTM technology, Streaming
SIMD instructions, and full compatibility with IA-32 software. In addition, the Intel Core
2 Duo mobile processor supports Intel 64 architecture which is enabled by 64-bit
operating systems and consists of 64-bit instructions and registers. Further details on
Intel Extended Memory 64 Technology and its programming model can be found in the
Intel Extended Memory 64 Technology Software Developer’s Guide. The Intel Core 2
Duo mobile processor features on-die, 32-kB level 1 instruction and data caches and
features up to a 4-MB level 2 cache with Advanced Transfer Cache Architecture. The
processor’s Data Prefetch Logic speculatively fetches data to the L2 cache before the L1
cache requests occurs, resulting in reduced bus cycle penalties. The processor includes
the Data Cache Unit Streamer which enhances the performance of the L2 prefetcher by
requesting L1 warm-ups earlier. In addition, the Write Order Buffer depth is enhanced
to help with the write-back latency performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com