Electronic Components Datasheet Search
  English  ▼

X  

U2500 Datasheet(PDF) 4 Page - Intel Corporation

Part # U2500
Description  Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

U2500 Datasheet(HTML) 4 Page - Intel Corporation

  U2500 Datasheet HTML 1Page - Intel Corporation U2500 Datasheet HTML 2Page - Intel Corporation U2500 Datasheet HTML 3Page - Intel Corporation U2500 Datasheet HTML 4Page - Intel Corporation U2500 Datasheet HTML 5Page - Intel Corporation U2500 Datasheet HTML 6Page - Intel Corporation U2500 Datasheet HTML 7Page - Intel Corporation U2500 Datasheet HTML 8Page - Intel Corporation U2500 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 91 page
background image
4
Datasheet
5.1.6
PROCHOT# Signal Pin .............................................................................90
Figures
1
Package-Level Low Power States ................................................................................12
2
Core Low Power States..............................................................................................12
3
Active VCC and ICC Loadline for Intel Core Duo Processor (SV, LV & ULV) and
Intel Core Solo Processor SV ......................................................................................35
4
Deeper Sleep VCC and ICC Loadline for Intel Core Duo Processor (SV, LV & ULV) and
Intel Core Solo Processor SV ......................................................................................36
5
Active VCC and ICC Loadline for Intel Core Solo Processor ULV .......................................37
6
Deeper Sleep VCC and ICC Loadline for Intel Core Solo Processor ULV ..............................38
7
Micro-FCPGA Processor Package Drawing (Sheet 1 of 2) ................................................42
8
Micro-FCPGA Processor Package Drawing (Sheet 2 of 2) ................................................43
9
Micro-FCBGA Processor Package Drawing (Sheet 1 of 2) ................................................44
10
Micro-FCBGA Processor Package Drawing (Sheet 2 of 2) ...............................................45
Tables
1
Coordination of Core-Level Low Power States at the Package Level .................................11
2
Voltage Identification Definition..................................................................................21
3
BSEL[2:0] Encoding for BCLK Frequency......................................................................25
4
FSB Pin Groups ........................................................................................................26
5
Processor DC Absolute Maximum Ratings.....................................................................27
6
Voltage and Current Specifications for Intel Core Duo Processor SV (Standard Voltage) .....28
7
Voltage and Current Specifications for Intel Core Solo Processor SV (Standard Voltage) .....30
8
Voltage and Current Specifications for Intel Core Duo Processor LV (Low Voltage) .............31
9
Voltage and Current Specifications Intel Core Duo Processor Ultra Low Voltage (ULV) ........32
10 Voltage and Current Specifications for Intel Core Solo Processor ULV (Ultra Low Voltage)...33
11 FSB Differential BCLK Specifications ............................................................................39
12 AGTL+ Signal Group DC Specifications ........................................................................39
13 CMOS Signal Group DC Specifications..........................................................................40
14 Open Drain Signal Group DC Specifications ..................................................................40
15 The Coordinates of the Processor Pins as Viewed from the Top of the Package ..................47
16 The Coordinates of the Processor Pins as Viewed from the Top of the Package .................48
17 Signal Description.....................................................................................................49
18 Pin Listing by Pin Name .............................................................................................59
19 Pin Listing by Pin Number ..........................................................................................69
20 Power Specifications for the Intel Core Duo Processor SV (Standard Voltage) ...................80
21 Power Specifications for the Intel Core Solo Processor SV (Standard Voltage) ...................81
22 Power Specifications for the Intel Core Duo Processor LV (Low Voltage) ...........................82
23 Power Specifications for the Intel Core Duo Processor, Ultra Low Voltage (ULV) ................83
24 Power Specifications for the Intel Core Solo Processor ULV (Ultra Low Voltage) .................84
25 Thermal Diode Interface ............................................................................................85
26 Thermal Diode Parameters using Diode Mode ...............................................................86
27 Thermal Diode Parameters using Transistor Mode .........................................................86
28 Thermal Diode ntrim and Diode Correction Toffset..........................................................87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com