Electronic Components Datasheet Search
  English  ▼

X  

U2500 Datasheet(PDF) 57 Page - Intel Corporation

Part # U2500
Description  Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

U2500 Datasheet(HTML) 57 Page - Intel Corporation

Back Button U2500 Datasheet HTML 53Page - Intel Corporation U2500 Datasheet HTML 54Page - Intel Corporation U2500 Datasheet HTML 55Page - Intel Corporation U2500 Datasheet HTML 56Page - Intel Corporation U2500 Datasheet HTML 57Page - Intel Corporation U2500 Datasheet HTML 58Page - Intel Corporation U2500 Datasheet HTML 59Page - Intel Corporation U2500 Datasheet HTML 60Page - Intel Corporation U2500 Datasheet HTML 61Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 91 page
background image
Datasheet
57
Package Mechanical Specifications and Pin Information
§
THERMTRIP#
Output
The processor protects itself from catastrophic overheating by use
of an internal thermal sensor. This sensor is set well above the
normal operating temperature to ensure that there are no false
trips. The processor will stop all execution when the junction
temperature exceeds approximately 125°C. This is signalled to the
system by the THERMTRIP# (Thermal Trip) pin.
For termination requirements please contact your Intel
representative.
TMS
Input
TMS (Test Mode Select) is a JTAG specification support signal used
by debug tools.
Please contact your Intel representative for termination
requirements and implementation details.
TRDY#
Input
TRDY# (Target Ready) is asserted by the target to indicate that it is
ready to receive a write or implicit writeback data transfer. TRDY#
must connect the appropriate pins of both FSB agents.
Please contact your Intel representative for termination
requirements and implementation details.
TRST#
Input
TRST# (Test Reset) resets the Test Access Port (TAP) logic. TRST#
must be driven low during power on Reset.
Please contact your Intel representative for termination
requirements and implementation details.
V
CC
Input
Processor core power supply.
V
CCA
Input
V
CCA provides isolated power for the internal processor core PLL’s.
Please contact your Intel representative for complete
implementation details.
V
CCP
Input
Processor I/O Power Supply.
V
CCSENSE
Output
V
CCSENSE together with VSSSENSE are voltage feedback signals to
IMVP6 that control the 2.1-mΩ loadline at the processor die. It
should be used to sense voltage near the silicon with little noise.
Please contact your Intel Representative for more information
regarding termination and routing recommendations.
VID[6:0]
Output
VID[6:0] (Voltage ID) pins are used to support automatic selection
of power supply voltages (VCC). Unlike some previous generations
of processors, these are CMOS signals that are driven by the Intel
Core Duo processor and Intel Core Solo processor. The voltage
supply for these pins must be valid before the VR can supply VCC to
the processor. Conversely, the VR output must be disabled until the
voltage supply for the VID pins becomes valid. The VID pins are
needed to support the processor voltage specification variations.
See Table 2 for definitions of these pins. The VR must supply the
voltage that is requested by the pins, or disable itself.
V
SSSENSE
Output
V
SSSENSE together with VCCSENSE are voltage feedback signals to
Intel® MVP6 that control the 2.1-mΩ loadline at the processor die.
It should be used to sense ground near the silicon with little noise.
Please contact your Intel Representative for more information
regarding termination and routing recommendations.
Table 17.
Signal Description (Sheet 9 of 9)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com