Electronic Components Datasheet Search
  English  ▼

X  

L9950 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9950
Description  Door actuator driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9950 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9950_09 Datasheet HTML 2Page - STMicroelectronics L9950_09 Datasheet HTML 3Page - STMicroelectronics L9950_09 Datasheet HTML 4Page - STMicroelectronics L9950_09 Datasheet HTML 5Page - STMicroelectronics L9950_09 Datasheet HTML 6Page - STMicroelectronics L9950_09 Datasheet HTML 7Page - STMicroelectronics L9950_09 Datasheet HTML 8Page - STMicroelectronics L9950_09 Datasheet HTML 9Page - STMicroelectronics L9950_09 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
Block diagram and pin description
L9950 - L9950XP
6/39
Doc ID 10311 Rev 10
1
Block diagram and pin description
Figure 1.
Block diagram
Table 2.
Pin definitions and functions
Pin
Symbol
Function
1, 18, 19, 36
GND
Ground.
Reference potential.
Important: for the capability of driving the full current at the outputs all
pins of GND must be externally connected.
2, 35
OUT11
Highside driver output 11.
The output is built by a highside switch and is intended for resistive
loads, hence the internal reverse diode from GND to the output is
missing. For ESD reason a diode to GND is present but the energy
which can be dissipated is limited. The highside driver is a power
DMOS transistor with an internal parasitic reverse diode from the
output to VS (bulk-drain-diode). The output is over-current and open
load protected.
Important: for the capability of driving the full current at the outputs both
pins of OUT11 must be externally connected.
OUT1
OUT2
OUT3
M
Charge
Pump
CM / PWM2
CSN
CLK
DO
DI
VS
VCC
VCC
V
BAT
µC
GND
Lock
1k
MUX
5
PWM1
OUT7
OUT8
1k
1k
1k
1k
1k
100k
* Note: Value of capacitor has to be choosen carefully to limit the VS
voltage below absolute maximum ratings in case of an unexpected
freewheeling condition of inductive loads (e.g. TSD, POR)
*
** Note: Resistors between µC and L9950 are recommended to limit currents
for negative voltage transients at VBAT (e.g. ISO type 1 pulse)
+ Note: Using a ferrite instead of 10ohm will additionally improve EMC behavior
Reverse
Polarity
Protection
**
**
**
**
**
**
100µF
Safe Lock
M
100nF
VREG
100
10
100nF
CP
EMC
Optimization
+
Exterior Light
Safety Light
OUT9
OUT10
OUT11
OUT4
OUT5
OUT6
M
M
M
Folder
xy-Mirror
Motors
Footstep Light
Turn Indicator
Defroster



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com