Electronic Components Datasheet Search
  English  ▼

X  

L9950 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L9950
Description  Door actuator driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9950 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L9950_09 Datasheet HTML 20Page - STMicroelectronics L9950_09 Datasheet HTML 21Page - STMicroelectronics L9950_09 Datasheet HTML 22Page - STMicroelectronics L9950_09 Datasheet HTML 23Page - STMicroelectronics L9950_09 Datasheet HTML 24Page - STMicroelectronics L9950_09 Datasheet HTML 25Page - STMicroelectronics L9950_09 Datasheet HTML 26Page - STMicroelectronics L9950_09 Datasheet HTML 27Page - STMicroelectronics L9950_09 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
Functional description of the SPI
L9950 - L9950XP
24/39
Doc ID 10311 Rev 10
4
Functional description of the SPI
4.1
Serial Peripheral Interface (SPI)
This device uses a standard SPI to communicate with a microcontroller. The SPI can be
driven by a microcontroller with its SPI peripheral running in following mode: CPOL = 0 and
CPHA = 0.
For this mode, input data is sampled by the low to high transition of the clock CLK, and
output data is changed from the high to low transition of CLK.
This device is not limited to microcontroller with a build-in SPI. Only three CMOS-compatible
output pins and one input pin will be needed to communicate with the device. A fault
condition can be detected by setting CSN to low. If CSN = 0, the DO pin will reflect the
status bit 0 (fault condition) of the device which is a logical or of all bits in the status registers
0 and 1. The microcontroller can poll the status of the device without the need of a full SPI
communication cycle.
Note:
In contrast to the SPI standard the least significant bit (LSB) will be transferred first
(see Figure 3).
4.2
Chip Select Not (CSN)
The input pin is used to select the serial interface of this device. When CSN is high, the
output pin (DO) will be in high impedance state. A low signal will activate the output driver
and a serial communication can be started. The state when CSN is going low until the rising
edge of CSN will be called a communication frame. If the CSN input pin is driven above
7.5V, the L9950 will go into a test mode. In the test mode the DO will go from tri state to
active mode.
4.3
Serial Data In (DI)
The input pin is used to transfer data serial into the device. The data applied to the DI will be
sampled at the rising edge of the CLK signal and shifted into an internal 24 bit shift register.
At the rising edge of the CSN signal the contents of the shift register will be transferred to
Data Input Register. The writing to the selected Data Input Register is only enabled if exactly
24 bits are transmitted within one communication frame (i.e. CSN low). If more or less clock
pulses are counted within one frame the complete frame will be ignored. This safety function
is implemented to avoid an activation of the output stages by a wrong communication frame.
Note:
Due to this safety functionality a daisy chaining of SPI is not possible. Instead, a parallel
operation of the SPI bus by controlling the CSN signal of the connected ICs is
recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com