Electronic Components Datasheet Search
  English  ▼

X  

L9950XP Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9950XP
Description  Door actuator driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9950XP Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9950XP Datasheet HTML 6Page - STMicroelectronics L9950XP Datasheet HTML 7Page - STMicroelectronics L9950XP Datasheet HTML 8Page - STMicroelectronics L9950XP Datasheet HTML 9Page - STMicroelectronics L9950XP Datasheet HTML 10Page - STMicroelectronics L9950XP Datasheet HTML 11Page - STMicroelectronics L9950XP Datasheet HTML 12Page - STMicroelectronics L9950XP Datasheet HTML 13Page - STMicroelectronics L9950XP Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Electrical specifications
L9950 - L9950XP
10/39
Doc ID 10311 Rev 10
2.4
Temperature warning and thermal shutdown
2.5
Electrical characteristics
VS = 8 to 16 V, VCC = 4.5 to 5.3 V, Tj = - 40 to 150 °C, unless otherwise specified.
The voltages are referred to GND and currents are assumed positive, when the current
flows into the pin.
Table 6.
Temperature warning and thermal shutdown
Symbol
Parameter
Min.
Typ.
Max. Unit
TjTW ON
Temperature warning threshold junction
temperature
Tj
increasing
--
150
°C
TjTW OFF
Temperature warning threshold junction
temperature
Tj
decreasing
130
-
-
°C
TjTW HYS Temperature warning hysteresis
-
5
-
°K
TjSD ON
Thermal shutdown threshold junction
temperature
Tj
increasing
--
170
°C
TjSD OFF
Thermal shutdown threshold junction
temperature
Tj
decreasing
150
-
-
°C
TjSD HYS Thermal shutdown hysteresis
-
5
-
°K
Table 7.
Supply
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VS
Operating supply voltage
range
7-
28
V
IS
VS DC supply current
VS = 16 V, VCC = 5.3 V
active mode
OUT1 - OUT11 floating
-7
20
mA
VS quiescent supply current
VS = 16 V, VCC = 0 V
standby mode
OUT1 - OUT11 floating
Ttest =-40 °C, 25 °C
-
4
12
µA
ICC
VCC DC supply current
VS = 16 V, VCC = 5.3 V
CSN = VCC , active mode
-1
3
mA
VCC quiescent supply
current
VS = 16 V, VCC = 5.3 V
CSN = VCCstandby mode
OUT1 - OUT11 floating
Ttest =-40 °C, 25 °C
-25
50
µA
IS + ICC
Sum quiescent supply
current
VS = 16 V, VCC = 5.3 V
CSN = VCC
standby mode
OUT1 - OUT11 floating
Ttest =-40 °C, 25 °C
-31
75
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com