Electronic Components Datasheet Search
  English  ▼

X  

L9950XP Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9950XP
Description  Door actuator driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9950XP Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9950XP Datasheet HTML 10Page - STMicroelectronics L9950XP Datasheet HTML 11Page - STMicroelectronics L9950XP Datasheet HTML 12Page - STMicroelectronics L9950XP Datasheet HTML 13Page - STMicroelectronics L9950XP Datasheet HTML 14Page - STMicroelectronics L9950XP Datasheet HTML 15Page - STMicroelectronics L9950XP Datasheet HTML 16Page - STMicroelectronics L9950XP Datasheet HTML 17Page - STMicroelectronics L9950XP Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
Electrical specifications
L9950 - L9950XP
14/39
Doc ID 10311 Rev 10
2.6
SPI - electrical characteristics
VS = 8 to 16 V, VCC = 4.5 to 5.3 V, Tj = - 40 to 150 °C, unless otherwise specified. The
voltages are referred to GND and currents are assumed positive, when the current flows into
the pin.
Note:
Value of input capacity is not measured in production test. Parameter guaranteed by design.
dVOUT16/dt Slew rate of OUT1,OUT6
VS =13.5 V
Iload = ±1.5 A
0.1
0.2
0.4
V/µs
dVOUT23/dt,
dVOUT78910/dt
Slew rate of OUT2/3 and
OUT7-OUT10
VS = 13.5 V
Iload = -0.8 A
0.09
0.2
0.4
V/µs
dVOUT45/dt Slew rate of OUT4, OUT5
VS = 13.5 V
Iload = ±3.0 A
0.1
0.2
0.4
V/µs
dVOUT11/dt Slew rate of OUT11
VS = 13.5 V
Iload = 3.0 A
0.1
0.2
0.4
V/µs
Table 11.
OUT1 - OUT11 (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit
Table 12.
Delay time from standby to active mode
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tset
Delay time
Switching from standby to active mode.
Time until output drivers are enabled
after CSN going to high.
-
160
300
µs
Table 13.
Inputs: CSN, CLK, PWM1/2 and DI
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VinL
Input low level
VCC = 5 V
1.5
2.0
-
V
VinH
Input high level
VCC = 5 V
-
3.0
3.5
V
VinHyst
Input hysteresis
VCC = 5 V
0.5
-
-
V
ICSN in
Pull up current at input CSN
VCSN = 3.5 V VCC = 5 V
-40
-20
-8
µA
ICLK in
Pull down current at input CLK
VCLK = 1.5 V
10
25
50
µA
IDI in
Pull down current at input DI
VDI = 1.5 V
10
25
50
µA
IPWM1 in
Pull down current at input
PWM1
VPWM = 1.5 V
10
25
50
µA
Cin
Input capacitance at input
CSN, CLK, DI and PWM1/2
VCC = 0 to 5.3 V
-
10
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com