Electronic Components Datasheet Search
  English  ▼

X  

CDK1307 Datasheet(PDF) 10 Page - Cadeka Microcircuits LLC.

Part # CDK1307
Description  Ultra Low Power, 10/20/40/65/80/100MSPS, 12/13-bit Analog-to-Digital Converters (ADCs)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK1307 Datasheet(HTML) 10 Page - Cadeka Microcircuits LLC.

Back Button CDK1307_09 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK1307_09 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK1307_09 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK1307_09 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK1307_09 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CDK1307_09 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CDK1307_09 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CDK1307_09 Datasheet HTML 13Page - Cadeka Microcircuits LLC. CDK1307_09 Datasheet HTML 14Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
©2009 CADEKA Microcircuits LLC
www.cadeka.com
10
Data Sheet
Digital and Timing Electrical Characteristics
(AVDD = 1.8V, DVDD = 1.8V, DVDDCLK = 1.8V, OVDD = 2.5V, 20/40/65/80MSPS clock, 50% clock duty cycle,
-1 dBFS input signal, 5pF capacitive load, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Clock Inputs
Duty Cycle
20
80
% high
Compliance
CMOS, LVDS, LVPECL, Sine Wave
Input Range
Differential input swing
pp
Differential input swing, sine wave clock input
pp
Input Common Mode Voltage
Keep voltages within ground and voltage of OVDD
0.3
VOVDD -0.3
V
Differential
Timing
TPD
Start Up Time from Power Down
From Power Down Mode to Active Mode
900
clk cycles
SLP
TOVR
Out Of Range Recovery Time
1
clk cycles
TAP
Aperture Delay
0.8
ns
εRMS
Aperture Jitter
<0.5
ps
TLAT
Pipeline Delay
12
clk cycles
TD
Output Delay
ns
DC
ns
Logic Inputs
VIH
High Level Input Voltage
VOVDD ≥ 3.0V
2
V
VOVDD = 1.7V – 3.0V
0.8 • VOVDD
V
VIL
Low Level Input Voltage
VOVDD ≥ 3.0V
0
0.8
V
VOVDD = 1.7V – 3.0V
0
0.2 • VOVDD
V
IIH
High Level Input Leakage Current
-10
10
μA
IIL
Low Level Input Leakage Current
-10
10
μA
CI
Input Capacitance
3
pF
Logic Outputs
VOH
High Level Output Voltage
-0.1 +VOVDD
V
VOL
Low Level Output Voltage
0.1
V
CL
Max Capacitive Load
Post-driver supply voltage equal to pre-driver
supply voltage V
= V
5
pF
Post-driver supply voltage above 2.25V (1)
10
pF
Note:
(1) The outputs will be functional with higher loads. However, it is recommended to keep the load on output data bits as low as possible to keep dynamic currents
and resulting switching noise at a minimum.
400
mV
1.6
V
Input Capacitance
2
pF
T
Start Up Time from Sleep
From Sleep Mode to Active Mode
clk cycles
20
10
3
5pF load on output bits (see timing diagram)
T
Output Delay Relative to CLK_EXT
See timing diagram
1
6
OVDD
VDVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com