Electronic Components Datasheet Search
  English  ▼

X  

CDK1307 Datasheet(PDF) 14 Page - Cadeka Microcircuits LLC.

Part # CDK1307
Description  Ultra Low Power, 10/20/40/65/80/100MSPS, 12/13-bit Analog-to-Digital Converters (ADCs)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK1307 Datasheet(HTML) 14 Page - Cadeka Microcircuits LLC.

Back Button CDK1307_09 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK1307_09 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK1307_09 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK1307_09 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CDK1307_09 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CDK1307_09 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CDK1307_09 Datasheet HTML 13Page - Cadeka Microcircuits LLC. CDK1307_09 Datasheet HTML 14Page - Cadeka Microcircuits LLC. CDK1307_09 Datasheet HTML 15Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
©2009 CADEKA Microcircuits LLC
www.cadeka.com
14
Data Sheet
Table 2: Data Format Description for 1Vpp Full Scale Range
Differential Input
Voltage
(IP - IN)
Output data: D_11:
D_0 (DFRMT = 0)
(2’s Complement)
Out of Range
(Use Logical AND Function for &)
Output Data: D_11:
D_0 (DFRMT = 1)
(2’s Complement)
Out of Range
(Use Logical AND Function for &)
> 0.5V
0111 1111 1111
D_12 = 1 & D_11 = 1
0111 1111 1111
D_12 = 0 & D_11 = 1
0.5V
0111 1111 1111
0111 1111 1111
+0.24mV
0000 0000 0000
0000 0000 0000
-0.24mV
1111 1111 1111
1111 1111 1111
-0.5V
1000 0000 0000
1000 0000 0000
< -0.5V
1000 0000 0000
D_12 = 0 & D_11 = 0
1000 0000 0000
D_12 = 1 & D_11 = 0
Reference Voltages
The reference voltages are internally generated and buff-
ered based on a bandgap voltage reference. No external
decoupling is necessary, and the reference voltages are
not available externally. This simplifies usage of the ADC
since two extremely sensitive pins, otherwise needed, are
removed from the interface.
If a lower full scale range is required the 13-bit output
word provides sufficient resolution to perform digital scaling
with an equivalent impact on noise compared to adjusting
the reference voltages.
A simple way to obtain 1.0Vpp input range with a 12-bit
output word is shown in the Table 2 below. Note that only
2‘s complement output data are available in this mode
and that out of range conditions must be determined
based on a two bit output. The output code will wrap
around when the code goes outside the full scale range.
The out of range bits should be used to clamp the output
data for overrange conditions.
Operational Modes
The operational modes are controlled with the PD_N and
SLP_N pins. If PD_N is set low, all other control pins are
overridden and the chip is set in Power Down mode. In
this mode all circuitry is completely turned off and the
internal clock is disabled. Hence, only leakage current
contributes to the Power Down Dissipation. The startup
time from this mode is longer than for other idle modes
as all references need to settle to their final values before
normal operation can resume.
The SLP_N bus can be used to power down each channel
independently, or to set the full chip in Sleep Mode. In this
mode internal clocking is disabled, but some low band-
width circuitry is kept on to allow for a short startup time.
However, Sleep Mode represents a significant reduction in
supply current, and it can be used to save power even for
short idle periods.
The input clock could be kept running in all idle modes.
However, even lower power dissipation is possible in
Power Down mode if the input clock is stopped. In this
case it is important to start the input clock prior to en-
abling active mode.
Table 1: Data Format Description for 2Vpp Full Scale Range
Differential Input Voltage (IP - IN)
Output data: D_12 : D_0
(DFRMT = 0, offset binary)
Output Data: D_12 : D_0
(DFRMT = 1, 2’s complement)
1.0 V
1 1111 1111 1111
0 1111 1111 1111
+0.24mV
1 0000 0000 0000
0 0000 0000 0000
-0.24mV
0 1111 1111 1111
1 1111 1111 1111
-1.0V
0 0000 0000 0000
1 0000 0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com