Electronic Components Datasheet Search
  English  ▼

X  

D945GTP Datasheet(PDF) 33 Page - Intel Corporation

Part # D945GTP
Description  Technical Product Specification
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D945GTP Datasheet(HTML) 33 Page - Intel Corporation

Back Button D945GTP Datasheet HTML 29Page - Intel Corporation D945GTP Datasheet HTML 30Page - Intel Corporation D945GTP Datasheet HTML 31Page - Intel Corporation D945GTP Datasheet HTML 32Page - Intel Corporation D945GTP Datasheet HTML 33Page - Intel Corporation D945GTP Datasheet HTML 34Page - Intel Corporation D945GTP Datasheet HTML 35Page - Intel Corporation D945GTP Datasheet HTML 36Page - Intel Corporation D945GTP Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 92 page
background image
Product Description
33
1.10.3.2
RJ-45 LAN Connector with Integrated LEDs
Two LEDs are built into the RJ-45 LAN connector (as shown in Figure 14). Table 6 describes the
LED states when the board is powered up and the Gigabit LAN subsystem is operating.
Green LED
Green/Yellow LED
OM16513
Figure 14. LAN Connector LED Locations
Table 6.
LAN Connector LED States
LED
Color
LED State
Condition
Off
LAN link is not established.
On
LAN link is established.
Left
Green
Blinking
LAN activity is occurring.
N/A
Off
10 Mbits/sec data rate is selected.
Green
On
100 Mbits/sec data rate is selected.
Right
Yellow
On
1000 Mbits/sec data rate is selected.
1.10.4
Intel® Active Management Technology (Optional)
NOTE
Intel Active Management Technology (AMT) is available only on boards that use the
Intel® 82573E Ethernet Controller.
Intel Active Management Technology (AMT) offers IT organizations tamper-resistant and
persistent management capabilities. Specifically, Intel® AMT is a hardware-based solution that
offers encrypted and persistent asset management and remote diagnostics and/or recovery
capabilities for networked platforms. With Intel AMT, IT organizations can easily get accurate
platform information, and can perform remote updating, diagnostics, debugging, and repair of a
system, regardless of the state of the operating system and the power state of the system. Intel
AMT enables IT organizations to discover, heal, and protect all of their computing assets,
regardless of system state in the manner described below.
• Discovering hardware and software computing assets:
⎯ Intel AMT stores hardware and software asset information in non-volatile memory and
allows IT to read the asset information anytime, even if the PC is off
⎯ Users cannot remove or prevent IT organization access to the information because it does
not rely on software agents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com