Electronic Components Datasheet Search
  English  ▼

X  

DG201ADY Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DG201ADY
Description  Quad SPST CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG201ADY Datasheet(HTML) 4 Page - Maxim Integrated Products

  DG201ADY Datasheet HTML 1Page - Maxim Integrated Products DG201ADY Datasheet HTML 2Page - Maxim Integrated Products DG201ADY Datasheet HTML 3Page - Maxim Integrated Products DG201ADY Datasheet HTML 4Page - Maxim Integrated Products DG201ADY Datasheet HTML 5Page - Maxim Integrated Products DG201ADY Datasheet HTML 6Page - Maxim Integrated Products DG201ADY Datasheet HTML 7Page - Maxim Integrated Products DG201ADY Datasheet HTML 8Page - Maxim Integrated Products DG201ADY Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Quad SPST CMOS Analog Switches
4
_______________________________________________________________________________________
Note 3: Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
Note 4: ID (ON) is leakage from driver into “ON” switch.
DG201AA
DG201AC, D, E
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
VIN = 2.4V
-1.0
-1.0
Input Current with Input
Voltage High
IINH
VIN = 15V
1.0
1.0
Input Current with Input
Voltage Low
IINL
VIN = 0+
-1.0
-1.0
µA
DYNAMIC
Turn-ON Time
tON
480
600
480
600
Turn-OFF Time
tOFF1
See Figure 1 Switching Time
Test Circuit
370
450
370
450
ns
Charge Injection
Q
CL = 1000pF, VGEN = 0,
RGEN = 0
20
20
pC
Source OFF-Capacitance
CS (OFF)
55
Drain OFF-Capacitance
CD (OFF)
VS = 0,
VIN = 5V
55
Channel ON-Capacitance
CD (ON)
+ CS (ON)
VD = VS = 0,
VIN = 0
f = 140kHz
16
16
pF
OFF-Isolation
VIN = 5V, ZL = 75
Ω
70
70
Crosstalk
(Channel to Channel)
VS = 2.0V, f = 100kHz
90
90
dB
SUPPLY
Positive Supply Current
I+
All channels ON or OFF
0.02
0.1
0.02
0.1
mA
Negative Supply Current
I-
All channels ON or OFF
-0.1
-0.01
-0.1
-0.01
Power-Supply Range for
Continuous Operation
VOP
±4.5
±18
±4.5
±18
V
ELECTRICAL CHARACTERISTICS (DG201A) (continued)
(V+ = +15V, V- = -15V, GND = 0, TA = +25°C, unless otherwise noted.) (For more information on TYP values see Note 3.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com