Electronic Components Datasheet Search
  English  ▼

X  

DG201ADY Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DG201ADY
Description  Quad SPST CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG201ADY Datasheet(HTML) 5 Page - Maxim Integrated Products

  DG201ADY Datasheet HTML 1Page - Maxim Integrated Products DG201ADY Datasheet HTML 2Page - Maxim Integrated Products DG201ADY Datasheet HTML 3Page - Maxim Integrated Products DG201ADY Datasheet HTML 4Page - Maxim Integrated Products DG201ADY Datasheet HTML 5Page - Maxim Integrated Products DG201ADY Datasheet HTML 6Page - Maxim Integrated Products DG201ADY Datasheet HTML 7Page - Maxim Integrated Products DG201ADY Datasheet HTML 8Page - Maxim Integrated Products DG201ADY Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
_______________________________________________________________________________________
5
Quad SPST CMOS Analog Switches
ELECTRICAL CHARACTERISTICS (DG201A)
(V+ = +15V, V- = -15V, GND = 0, TA = full opearting temperature range, unless otherwise noted.) (For more information on TYP
values see Note 3.)
DG201AA
DG201AC, D, E
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
SWITCH
Analog Signal Range
VANALOG
-15
15
-15
15
V
Drain-Source ON Resistance
(Note 5)
RDS (ON)
VD = ±10V, VIN = 0.8V, IS = 1mA
250
250
Ω
VS = 14V, VD = -14V
100
100
Source OFF Leakage Current
IS (OFF)
VIN = 2.4V
VS = -14V, VD = 14V
-100
-100
VS = 14V, VD = -14V
100
100
Drain OFF Leakage Current
ID (OFF)
VIN = 2.4V
VS = -14V, VD = 14V
-100
-100
VS = -14V
200
200
Drain ON Leakage
Current (Note 6)
ID (ON)
VIN = 0.8V
VD = 14V
-200
-200
nA
INPUT
VIN = 2.4V
-1.0
-1.0
Input Current with Input
Voltage High
IINH
VIN = 15V
1.0
1.0
Input Current with Input
Voltage Low
IINL
VIN = 0
-1.0
-1.0
µA
Note 5: Electrical characteristics, such as ON-Resistance, will change when power supplies other than ±15V, are used.
Note 6: ID (ON) is leakage from driver into “ON” switch.
PIN
DIP/SO/TSSOP
QFN
NAME
FUNCTION
1, 16, 9, 8
15, 14, 7, 6
IN1–IN4
Input
2, 15, 10, 7
16, 13, 8, 5
D1–D4
Analog Switch Drain Terminal
3, 14, 11, 6
1, 12, 9, 4
S1–S4
Analog Switch Source Terminal
42
V-
Negative-Supply Voltage Input
53
GND
Ground
12
10
N.C.
No Connection
13
11
V+
Positive-Supply Voltage Input—Connected to Substrate
Pin Description
Switching Time Test Circuit
Switch output waveform shown for VS = constant with
logic input waveform as shown. Note that VS may be
+ve or -ve as per switching times test circuit. VO is the
steady state output with switch on. Feedthrough via
gate capacitance may result in spikes at leading and
trailing edge of output waveform.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com