Electronic Components Datasheet Search
  English  ▼

X  

MAX8686 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX8686
Description  Single/Multiphase, Step-Down, DC-DC Converter Delivers Up to 25A Per Phase
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8686 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX8686 Datasheet HTML 15Page - Maxim Integrated Products MAX8686 Datasheet HTML 16Page - Maxim Integrated Products MAX8686 Datasheet HTML 17Page - Maxim Integrated Products MAX8686 Datasheet HTML 18Page - Maxim Integrated Products MAX8686 Datasheet HTML 19Page - Maxim Integrated Products MAX8686 Datasheet HTML 20Page - Maxim Integrated Products MAX8686 Datasheet HTML 21Page - Maxim Integrated Products MAX8686 Datasheet HTML 22Page - Maxim Integrated Products MAX8686 Datasheet HTML 23Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Single/Multiphase, Step-Down,
DC-DC Converter Delivers Up to 25A Per Phase
______________________________________________________________________________________
21
be less than or equal to 1/5 the switching frequency.
Select a value for fC in the range:
The feedback voltage-divider gain (VREF/VOUT) should
be included for an output voltage higher than 3.3V,
where VREFIN is equal to 3.3V.
At the crossover frequency, the total loop gain must
equal 1, and is expressed as:
For the case where fzMOD is greater than fC:
Then RC can be calculated as:
where gmEA = 1.7mS.
The error-amplifier compensation zero formed by RC
and CC should be set at the modulator pole fPMOD.
Calculate the value of CC as follows:
If fPMOD is less than 5 x fC, add a second capacitor CF
from COMP to GND. The value of CF is:
As the load current decreases, the modulator pole also
decreases; however, the modulator gain increases
accordingly and the crossover frequency remains the
same.
For the case where fzMOD is less than fC:
The power modulator gain at fC is:
The error-amplifier gain at fC is:
RC is calculated as:
where gmEA = 1.7mS.
CC is calculated from:
CF is calculated from:
The current-mode control model on which the above
design procedure is based requires an additional high-
frequency term, GS(s), to account for the effect of sam-
pling the peak inductor current. The term GS(s) produces
additional phase lag at crossover and should be modeled
to estimate the phase margin obtainable by the selected
compensation components. As a final step, it is useful to
plot the dB gain and phase of the following loop-gain
transfer function and check the obtained phase margin. A
phase margin of at least 45° is recommended:
where the sampling effect quality factor is:
Q
KD
C
S
=
×× − −
[]
1
10 5
π ((
)
. )
Gs
s
Qf
s
f
S
cSW
SW
()
=
+
××
+
×
()
⎛
⎝
⎜
⎜
⎞
⎠
⎟
⎟
1
1
2
2
π
π
Gs
Rg
R
Lf
Ks
D
LOOP
LOAD
MC
LOAD
SW
()
()
=
×
+
×
×× −
()−
11
0
05
12
12
.
(/
)
(/
)
⎡⎣
⎤⎦
⎡
⎣
⎢
⎤
⎦
⎥
×
+×
+×
sf
sf
zMOD
pMOD
π
π
××
+×
+×
× +
×
(/
)
(/
) (
/
)
12
12
12
sf
sf
sf
zEA
pEA
pdEA
π
ππ
××
××
gRo
V
V
G
mEA
REFIN
OUT
S (
C
Rf
F
CzMOD
=
××
1
2
π
C
fR
C
pMOD
C
=
××
1
2
π
R
V
V
f
gG
f
C
OUT
FB
C
mEA
MOD fc
zMOD
=×
××
()
Gg
R
f
f
EA fc
mEA
C
zMOD
C
() =×
×
GG
f
f
MOD fc
MOD dc
pMOD
zMOD
()
(
)
=×
C
Rf
F
CzMOD
=
××
1
2
π
C
fR
C
pMOD
C
=
××
1
2
π
R
V
gV
G
C
OUT
mEA
REFIN
MOD fc
=
××
()
Gg
R
GG
f
f
EA fc
mEA
C
MOD fc
MOD dc
pMOD
C
()
()
(
)
=×
=×
GG
V
V
EA fc
MOD fc
REFIN
OUT
()
()
××
= 1
ff
f
pMOD
C
SW
<<
≤
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com