Electronic Components Datasheet Search
  English  ▼

X  

MAX5558ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5558ESA
Description  Low-Cost Stereo Audio DACs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5558ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5558ESA Datasheet HTML 1Page - Maxim Integrated Products MAX5558ESA Datasheet HTML 2Page - Maxim Integrated Products MAX5558ESA Datasheet HTML 3Page - Maxim Integrated Products MAX5558ESA Datasheet HTML 4Page - Maxim Integrated Products MAX5558ESA Datasheet HTML 5Page - Maxim Integrated Products MAX5558ESA Datasheet HTML 6Page - Maxim Integrated Products MAX5558ESA Datasheet HTML 7Page - Maxim Integrated Products MAX5558ESA Datasheet HTML 8Page - Maxim Integrated Products MAX5558ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
General Description
The MAX5556–MAX5559 stereo audio sigma-delta
digital-to-analog converters (DACs) offer a simple and
complete stereo digital-to-analog solution for media
servers, set-top boxes, video-game hardware, automo-
tive rear-seat entertainment and other general consumer
audio applications. These DACs feature built-in digital
interpolation/filtering, sigma-delta digital-to-analog con-
version and analog output filtering. Control logic and
mute circuitry minimize audible pops and clicks during
power-up, power-down, clock changes, or when invalid
clock conditions occur.
The MAX5556–MAX5559 receive input data over a flexi-
ble 3-wire interface, supporting I2S-compatible, left-jus-
tified, right-justified 16-bit, and right-justified 18-bit
audio data. Data can be clocked by either an external
or internal serial clock. The internal serial clock frequen-
cy is programmable by selection of a master clock
(MCLK) and sample clock (LRCLK) ratio. Sampling
rates from 2kHz to 50kHz are supported.
The MAX5556–MAX5559 operate from a single +4.75V
to +5.5V analog supply with total harmonic distortion
plus noise below -87dB. These devices are available in
8-pin SO packages and are specified over the -40°C to
+85°C industrial temperature range.
Applications
Digital Video Recorders and Media Servers
Set-Top Boxes
Video-Game Hardware
Automotive Rear-Seat Entertainment
Features
♦ Simple and Complete Stereo Audio DAC
Solutions, No Controls to Set
♦ Sigma-Delta Stereo DACs with Built-In
Interpolation and Analog Output Filters
♦ I2S-Compatible Digital Audio Interface (MAX5556)
♦ Clickless/Popless Operation
♦ Output Voltage Swing: 3.5VP-P
♦ -87dB THD+N
♦ +87dB Dynamic Range
♦ Sample Frequencies (fS) from 2kHz to 50kHz
♦ Master Clock (MCLK) up to 25MHz
♦ Automatic Detection of Clock Ratio (MCLK/
LRCLK)
Ordering Information
Typical Operating Circuit
19-0550; Rev 0; 5/06
Low-Cost Stereo Audio DACs
________________________________________________________________
Maxim Integrated Products
1
For pricing delivery, and ordering information please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Note:
All devices are specified over the -40°C to +85°C oper-
ating temperature range. Contact factory for +105°C operation.
*
Future product—contact factory for availability.
SERIAL
INTERFACE
MCLK
LRCLK
SCLK
SDATA
GND
VDD
OUTR
OUTL
CLOCK
DAC
DAC
+5V
LEFT
OUTPUT
RIGHT
OUTPUT
LINE-LEVEL
BUFFER
LINE-LEVEL
BUFFER
AUDIO
DECOMPRESSION
MAX5556–MAX5559
Pin Configuration
GND
OUTR
MCLK
1
2
8
7
OUTL
VDD
SCLK
LRCLK
SDATA
SO
TOP VIEW
3
4
6
5
MAX5556–
MAX5559
PART
PIN-
PACKAGE
PKG
CODE
DATA FORMAT
MAX5556ESA
8 SO
S8-5
Left-justified I2S data
MAX5557ESA* 8 SO
S8-5
Left-justified data
MAX5558ESA* 8 SO
S8-5
Right-justified 16-Bit data
MAX5559ESA* 8 SO
S8-5
Right-justified 18-Bit data


Similar Part No. - MAX5558ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX555 MAXIM-MAX555 Datasheet
98Kb / 12P
300Msps, 12-Bit DAC with Complementary Voltage Outputs
Rev 1; 9/95
MAX5550 MAXIM-MAX5550 Datasheet
397Kb / 15P
Dual, 10-Bit, Programmable, 30mA High-Output-Current DAC
Rev 0; 10/05
MAX5550 MAXIM-MAX5550 Datasheet
493Kb / 14P
MAX5550 Evaluation Kit
Rev 0; 3/08
MAX5550ETE MAXIM-MAX5550ETE Datasheet
397Kb / 15P
Dual, 10-Bit, Programmable, 30mA High-Output-Current DAC
Rev 0; 10/05
MAX5550EVKIT MAXIM-MAX5550EVKIT Datasheet
493Kb / 14P
MAX5550 Evaluation Kit
Rev 0; 3/08
More results

Similar Description - MAX5558ESA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1330ATS PHILIPS-UDA1330ATS Datasheet
110Kb / 24P
Low-cost stereo filter DAC
2000 Apr 18
logo
Analog Devices
AD74322 AD-AD74322 Datasheet
123Kb / 20P
Low Cost, Low Power Stereo Audio Analog Front End
logo
Cirrus Logic
CS4327 CIRRUS-CS4327 Datasheet
1Mb / 36P
Low Cost, 20-Bit, Stereo, Audio D/A Converter
logo
Maxim Integrated Produc...
MAX9718 MAXIM-MAX9718 Datasheet
569Kb / 23P
Low-Cost, Mono/Stereo,1.4W Differential Audio Power Amplifiers
Rev 0; 10/03
logo
MOSA ELECTRONICS
MS6310 MOSA-MS6310 Datasheet
185Kb / 6P
Low Cost 16-Bit Stereo Audio DAC
logo
Maxim Integrated Produc...
MAX9718 MAXIM-MAX9718_09 Datasheet
603Kb / 26P
Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 6; 3/09
MAX9718 MAXIM-MAX9718_10 Datasheet
1Mb / 26P
Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 7; 4/10
MAX5556 MAXIM-MAX5556_11 Datasheet
644Kb / 17P
Low-Cost Stereo Audio DAC
Rev 1; 2/11
logo
MOSA ELECTRONICS
MS6331 MOSA-MS6331_1 Datasheet
217Kb / 9P
16-bit Stereo Audio DAC & Headphone Driver Component Less, Low Cost
MS6309 MOSA-MS6309_10 Datasheet
1,007Kb / 9P
Low Cost 16-Bit Stereo Audio DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com