Electronic Components Datasheet Search
  English  ▼

X  

MAX7057ASE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX7057ASE
Description  300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7057ASE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX7057ASE Datasheet HTML 9Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 10Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 11Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 12Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 13Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 14Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 15Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 16Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Using a byte descriptive notation, the reset command
can be viewed as the following sequence, within the
same CS cycle:
SDI:
<0x04>
Features and Settings
Values and parameters are set through registers in the
MAX7057 that are addressable through the SPI. These
registers contain bits that either turn functions on and
off or program numerical settings. The following set-
tings are controlled through the SPI.
Variable Capacitor
The internal variable shunt capacitor, which is instru-
mental in matching the PA to the antenna, is controlled
by setting 5 bits in the configuration 0 register. This
allows for 32 levels of shunt capacitance control. Since
the control of these 5 bits is independent of the other
settings, any capacitance value can be chosen at any
frequency, making it possible to maintain maximum
transmitter efficiency while moving rapidly from one fre-
quency to another.
Clock Output
The MAX7057 has a buffered clock output that can
serve as a clock for a microprocessor. The divide ratio
is set through the configuration 0 register (see Tables 5
and 6). The divide settings are 1 (no division), 2, 4, 8, or
16; the original undivided frequency is based on the
reference frequency generated by the external crystal.
The buffered clock output is available at GPO when
enabled by setting the configuration 1 register (see
Tables 2, 3, 15, and 16).
Mode Select and Crystal Shutdown
The transmission mode is selected by writing to a regis-
ter. The default mode is ASK and the mode can be
changed to FSK by writing a 1 to the mode bit in the
control register. This register is also used to keep the
crystal circuit powered up in the shutdown mode.
Registers
The following tables provide information on the
MAX7057 registers.
300MHz to 450MHz Frequency-Programmable
ASK/FSK Transmitter
______________________________________________________________________________________
13
SDI
SCLK
CS
RESET COMMAND (0x04)
ADDRESS
REGISTER NAME
DESCRIPTION
0x00
CONTRL
Control register. Controls the mode (ASK/FSK), crystal clock output, envelope-shaping, PLL
bandwidth, and SPI enable.
0x01
CONFIG0
Configuration 0 register. Controls the capacitance at the PA output and clock output
frequency divider.
0x02
HIFREQ1
High-frequency 1 register (upper byte). Sets the high frequency in FSK transmission.
0x03
HIFREQ0
High-frequency 0 register (lower byte). Sets the high frequency in FSK transmission.
0x04
LOFREQ1
Low-frequency 1 register (upper byte). Sets the low frequency in FSK transmission, or
carrier frequency in ASK transmission.
0x05
LOFREQ0
Low-frequency 0 register (lower byte). Sets the low frequency in FSK transmission, or carrier
frequency in ASK transmission.
0x06
FLOAD
Frequency load register. Performs the frequency load function.
0x07
DATAIN
Data in register. SPI equivalent of DIN pin.
0x08
EN
Enable register. SPI equivalent of ENABLE pin.
0x09
CONFIG1
Configuration 1 register. GPO selector.
0x0C
STATUS
Status register.
Figure 6. Reset Command Format
Table 2. Register Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com