Electronic Components Datasheet Search
  English  ▼

X  

MAX7057ASE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX7057ASE
Description  300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7057ASE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX7057ASE Datasheet HTML 1Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 2Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 3Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 4Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 5Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 6Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 7Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 8Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
300MHz to 450MHz Frequency-Programmable
ASK/FSK Transmitter
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(
Typical Application Circuit, 50Ω system impedance, tuned for 315MHz to 433.92MHz operation, AVDD = DVDD = PAVDD = +2.1V to
+3.6V, fRF = 300MHz to 450MHz, fCRYSTAL = 16MHz, TA = -40°C to +125°C, unless otherwise noted. Typical values are at AVDD =
DVDD = PAVDD = +2.7V, TA = +25°C, unless otherwise noted. All min and max values are 100% tested at TA = +125°C, and guaran-
teed by design and characterization over temperature, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage, PAVDD, AVDD, DVDD to AGND,
DGND, PAGND ...................................................-0.3V to +4.0V
All Other Pins..................................._GND - 0.3V to _VDD + 0.3V
Continuous Power Dissipation (TA = +70°C)
16-Pin SO (derate 8.7mW/°C above +70°C)...............695.7mW
Operating Temperature .....................................-40°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDD
PAVDD, AVDD, and DVDD connected to
power supply, VDD
2.1
2.7
3.6
V
fRF = 315MHz
3.9
6.5
PA off, VDIN at 0%
duty cycle (ASK)
fRF = 433.92MHz
4.5
7.5
fRF = 315MHz
8.1
15.1
VDIN at 50% duty cycle
(ASK) (Notes 1, 2, 3)
fRF = 433.92MHz
8.5
15.0
fRF = 315MHz
12.2
23.7
Supply Current
IDD
VDIN at 100% duty
cycle (FSK) (Note 1)
fRF = 433.92MHz
12.4
22.4
mA
TA = +25°C (Note 3)
0.8
TA < +85°C (Note 3)
1
6.4
Standby Current
ISTDBY
VENABLE < VIL
TA < +125°C
6.2
20.1
μA
DIGITAL I/O
Input High Threshold
VIH
0.9 x
DVDD
V
Input Low Threshold
VIL
0.1 x
DVDD
V
Input Pulldown Sink Current
13
μA
Input Pullup Source Current
9μA
Output-Voltage High
VOH
ISINK = 500μA (GPO)
VDD -
0.37
V
Output-Voltage Low
VOL
ISOURCE = 500μA (GPO)
0.36
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com