Electronic Components Datasheet Search
  English  ▼

X  

MIC2124 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2124
Description  Constant Frequency, Synchronous Current Mode Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2124 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2124 Datasheet HTML 1Page - Micrel Semiconductor MIC2124 Datasheet HTML 2Page - Micrel Semiconductor MIC2124 Datasheet HTML 3Page - Micrel Semiconductor MIC2124 Datasheet HTML 4Page - Micrel Semiconductor MIC2124 Datasheet HTML 5Page - Micrel Semiconductor MIC2124 Datasheet HTML 6Page - Micrel Semiconductor MIC2124 Datasheet HTML 7Page - Micrel Semiconductor MIC2124 Datasheet HTML 8Page - Micrel Semiconductor MIC2124 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Micrel, Inc.
MIC2124
June 2010
5
M9999-060810-D
Typical Characteristics
Output Voltage
vs. Load Current
2.40
2.45
2.50
2.55
2.60
012
345
LOAD CURRENT (A)
VIN = VHSD = 5V
Output Voltage Change
vs. Input Voltage
-70
-50
-30
-10
10
30
50
70
3.03.5
4.04.5
5.05.5
INPUT VOTLAGE (V)
VOUT = 0.8V
VOUT = 2.5V
VIN = VHSD
IOUT = 5A
Efficiency
vs. Load Current
40
50
60
70
80
90
100
0.1
1.0
10.0
LOAD CURRENT (A)
VOUT = 2.5V
VOUT = 1.5V
VIN = VHSD = 5V
Output Voltage
vs. Input Voltage
0.790
0.795
0.800
0.805
0.810
10.8
11.4
12.0
12.6
13.2
INPUT VOTLAGE (V)
IOUT = 5A
Switching Frequency
vs. Input Voltage
250
270
290
310
330
350
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOTLAGE (V)
85°C
25°C
-40°C
VIN = VHSD
VOUT = 1.8V
IOUT = 2.5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com