Electronic Components Datasheet Search
  English  ▼

X  

MIC2124 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2124
Description  Constant Frequency, Synchronous Current Mode Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2124 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2124 Datasheet HTML 1Page - Micrel Semiconductor MIC2124 Datasheet HTML 2Page - Micrel Semiconductor MIC2124 Datasheet HTML 3Page - Micrel Semiconductor MIC2124 Datasheet HTML 4Page - Micrel Semiconductor MIC2124 Datasheet HTML 5Page - Micrel Semiconductor MIC2124 Datasheet HTML 6Page - Micrel Semiconductor MIC2124 Datasheet HTML 7Page - Micrel Semiconductor MIC2124 Datasheet HTML 8Page - Micrel Semiconductor MIC2124 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
MIC2124
Constant Frequency, Synchronous
Current Mode Buck Controller
Hyper Speed Control™ Family
Hyper Speed Control and Any Capacitor are trademarks of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
June 2010
M9999-060810-D
General Description
The Micrel MIC2124 is a member of the Hyper Speed
Contro™l family of DC-DC controllers. It uses an adaptive
on-time current mode control scheme and operates at a
constant frequency.
The MIC2124 operates over a supply range of +3V to
+18V, and is independent of the IC supply voltage VIN. It
operates at a fixed 300kHz switching frequency and can
be used to provide up to 25A of output current. The output
voltage is adjustable down to +0.8V.
The MIC2124 includes an EN/COMP pin that can be
pulled low to shut down the converter. The MIC2124
optimizes performance and ensures stability with external
compensation.
The UVLO is provided to ensure proper operation under
power-sag conditions and to make sure that the external
power MOSFET has enough voltage to work with. An
internal digital soft-start ensures reduced inrush current.
Cycle-by-cycle current limiting ensures FET protection.
The MIC2124 is available in a 10-pin MSOP package with
a junction temperature operating range from –40ºC to
+125ºC.
Features
•
+3V to +18V input voltage
•
25A output current capability
•
Any Capacitor
TM stable
-
Zero ESR to high ESR
•
Output down to 0.8V with ±1% FB accuracy
•
Up to 94% efficiency
•
300kHz switching frequency
•
All N-Channel MOSFET design
•
Shutdown feature with EN/COMP
•
No current-sense resistor needed
•
Internal 4ms digital soft-start
•
Thermal shutdown
•
Pre-bias output safe
•
Cycle-by-Cycle foldback current-limit protection
•
10-pin MSOP package
•
–40ºC to +125ºC junction temperature range
Applications
•
Printers and scanners
•
Graphic and video cards
•
PCs and servers
•
Microprocessor core supply
•
Low-voltage distributed power
•
Telecommunication and networking
•
Set-top box, gateways and router
Typical Application
MIC2124 Adjustable Output 300kHz Buck Converter
12V to 3.3V Efficiency
60
70
80
90
100
02
46
8
10
OUT PUT CURRENT (A)
VHSD = 12V
VIN = 5V


Similar Part No. - MIC2124

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2125 MICROCHIP-MIC2125 Datasheet
1Mb / 34P
28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
07/14/15
MIC2125YML MICROCHIP-MIC2125YML Datasheet
1Mb / 34P
28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
07/14/15
MIC2126 MICROCHIP-MIC2126 Datasheet
1Mb / 34P
28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
07/14/15
MIC2126YML MICROCHIP-MIC2126YML Datasheet
1Mb / 34P
28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
07/14/15
MIC2127A MICROCHIP-MIC2127A Datasheet
827Kb / 38P
75V, Synchronous Buck Controller Featuring Adaptive On-Time Control
11/07/16
More results

Similar Description - MIC2124

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4900 MICRO-LINEAR-ML4900 Datasheet
232Kb / 8P
High Current Synchronous Buck Controller
ML4902 MICRO-LINEAR-ML4902 Datasheet
191Kb / 12P
High Current Synchronous Buck Controller
logo
National Semiconductor ...
LM3075 NSC-LM3075 Datasheet
857Kb / 18P
High Efficiency, Synchronous Current Mode Buck Controller
logo
Analog Devices
ADP1870 AD-ADP1870 Datasheet
1Mb / 44P
Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
ADP1882 AD-ADP1882 Datasheet
1Mb / 40P
Synchronous Current-Mode with Constant On-Time,PWM Buck Controller
REV. 0
ADP1874 AD-ADP1874 Datasheet
2Mb / 44P
Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
ADP1872 AD-ADP1872 Datasheet
67Kb / 1P
Synchronous Current-Mode with Constant On-time, PWM Buck
Rev. PrA
logo
Linear Technology
LT3763 LINER-LT3763 Datasheet
702Kb / 6P
High Power Constant Current, Constant Voltage Synchronous Buck Controller
logo
Vishay Siliconix
SIP12116 VISHAY-SIP12116_V01 Datasheet
978Kb / 17P
3 A Current Mode Constant On-Time Synchronous Buck Regulator
29-Jun-2020
SIP12117 VISHAY-SIP12117_V01 Datasheet
965Kb / 17P
3 A Current Mode Constant On-Time Synchronous Buck Regulator
29-Jun-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com