Electronic Components Datasheet Search
  English  ▼

X  

MIC2164 Datasheet(PDF) 30 Page - Micrel Semiconductor

Part # MIC2164
Description  Synchronous Buck Controllers Featuring Adaptive On-Time Control 28V Input, Constant Frequency
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2164 Datasheet(HTML) 30 Page - Micrel Semiconductor

Back Button MIC2164_10 Datasheet HTML 26Page - Micrel Semiconductor MIC2164_10 Datasheet HTML 27Page - Micrel Semiconductor MIC2164_10 Datasheet HTML 28Page - Micrel Semiconductor MIC2164_10 Datasheet HTML 29Page - Micrel Semiconductor MIC2164_10 Datasheet HTML 30Page - Micrel Semiconductor MIC2164_10 Datasheet HTML 31Page - Micrel Semiconductor MIC2164_10 Datasheet HTML 32Page - Micrel Semiconductor MIC2164_10 Datasheet HTML 33Page - Micrel Semiconductor MIC2164_10 Datasheet HTML 34Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
Micrel, Inc.
MIC2164/-2/-3/C
September 2010
30
M9999-091310-D
Figure 14. MIC2164 12V to 1.8V @ 10A Buck Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com