Electronic Components Datasheet Search
  English  ▼

X  

MIC2164 Datasheet(PDF) 37 Page - Micrel Semiconductor

Part # MIC2164
Description  Synchronous Buck Controllers Featuring Adaptive On-Time Control 28V Input, Constant Frequency
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2164 Datasheet(HTML) 37 Page - Micrel Semiconductor

Back Button MIC2164_10 Datasheet HTML 31Page - Micrel Semiconductor MIC2164_10 Datasheet HTML 32Page - Micrel Semiconductor MIC2164_10 Datasheet HTML 33Page - Micrel Semiconductor MIC2164_10 Datasheet HTML 34Page - Micrel Semiconductor MIC2164_10 Datasheet HTML 35Page - Micrel Semiconductor MIC2164_10 Datasheet HTML 36Page - Micrel Semiconductor MIC2164_10 Datasheet HTML 37Page - Micrel Semiconductor MIC2164_10 Datasheet HTML 38Page - Micrel Semiconductor MIC2164_10 Datasheet HTML 39Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
Micrel, Inc.
MIC2164/-2/-3/C
September 2010
37
M9999-091310-D
Bill of Materials (MIC2164-3 12V to 1.8V @ 10A)
Item
Part Number
Manufacturer
Description
Qty.
C1, C8, C17, C19 06035C104KAT
AVX
(1)
0.1µF Ceramic Capacitor, X7R, Size 0603, 50V
4
C2
0805ZD225MAT
AVX
(1)
2.2µF Ceramic Capacitor, X5R, Size 0805, 10V
1
C3
222215095001
Vishay
(2)
220µF Aluminum Capacitor, SMD, 35V
1
C4
1210YD106MAT
AVX
(1)
10µF Ceramic Capacitor, X5R, Size 1210, 16V
1
C9
0805ZD105KAT
AVX
(1)
1µF Ceramic Capacitor, X5R, Size 0805, 10V
1
C10
06035C222KAT
AVX
(1)
2.2nF Ceramic Capacitor, X7R, Size 0603, 50V
1
C11
6SEPC560MX
Sanyo
(3)
560µF OSCON Capacitor, 6.3V
1
C12
12106D107MAT
AVX
(1)
100µF Ceramic Capacitor, X5R, Size 1210, 6.3V
1
C15
06035C102KAT
AVX
(1)
1nF Ceramic Capacitor, X7R, Size 0603, 50V
1
D1
SD103BWS
Vishay
(2)
Small Signal Schottky Diode
1
L1
HCF1305-1R0
Cooper Bussmann
(4) 1.0µH Inductor, 20A Saturation Current
1
Q1, Q2
FDS7764A
Fairchild
(5)
30V N-Channel MOSFET 7.5mΩ Rds(on) @ 4.5V
2
R1
CRCW06032R21FKEY3
Vishay Dale
(2)
2.21Ω Resistor, Size 0603, 1%
1
R5
CRCW06031R21FKEY3
Vishay Dale
(2)
1.21Ω Resistor, Size 0603, 1%
1
R6
CRCW06031002FKEY3
Vishay Dale
(2)
10k Resistor, Size 0603, 1%
1
R9
CRCW06032001FKEY3
Vishay Dale
(2)
2k Resistor, Size 0603, 1%
1
R15
CRCW06038061FKEY3
Vishay Dale
(2)
8.06k Resistor, Size 0603, 1%
1
U1
MIC2164-3YMM
Micrel. Inc.
(6)
1MHz Buck Controller
1
U2
MIC5233-5.0YM5
Micrel. Inc.
(6)
LDO
1
Notes:
1.
AVX: www.avx.com.
2.
Vishay: www.vishay.com.
3.
Sanyo: www.sanyo.com.
4.
Sumida: www.sumida.com.
5.
Fairchild: www.fairchildsemi.com.
6.
Micrel, Inc: www.micrel.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com