Electronic Components Datasheet Search
  English  ▼

X  

MIC2164 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2164
Description  Synchronous Buck Controllers Featuring Adaptive On-Time Control 28V Input, Constant Frequency
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2164 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2164 Datasheet HTML 1Page - Micrel Semiconductor MIC2164 Datasheet HTML 2Page - Micrel Semiconductor MIC2164 Datasheet HTML 3Page - Micrel Semiconductor MIC2164 Datasheet HTML 4Page - Micrel Semiconductor MIC2164 Datasheet HTML 5Page - Micrel Semiconductor MIC2164 Datasheet HTML 6Page - Micrel Semiconductor MIC2164 Datasheet HTML 7Page - Micrel Semiconductor MIC2164 Datasheet HTML 8Page - Micrel Semiconductor MIC2164 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
MIC2164/-2/-3/C
Synchronous Buck Controllers
Featuring Adaptive On-Time Control
28V Input, Constant Frequency
Hyper Speed Control™ Family
Hype
408) 474-1000 • http://www.micrel.com
r Speed Control and Any Capacitor is a trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (
Septembe
M9999-091310-D
r 2010
General Description
The
Micrel
MIC2164/-2/-3/C
are
constant-frequency,
synchronous buck controllers featuring adaptive on-time
control. The MIC2164/-2/-3/C are the first products in the new
Hyper Speed Control™ family of buck controllers introduced
by Micrel.
The MIC2164/-2/-3/C controllers operate over an input supply
range of 3V to 28V, and are independent of the IC supply
voltage. The devices are capable of supplying 25A output
current. While the MIC2164 operates at 300kHz, the
MIC2164-2 operates at 600kHz, and the MIC2164-3 operates
at 1MHz.
A unique Hyper Speed Control™ architecture allows for ultra-
fast transient response while reducing the output capacitance
and also makes High VIN/Low VOUT operation possible. The
MIC2164/-2/-3/C controllers utilizes an architecture which is
adaptive TON ripple controlled. A UVLO feature is provided to
ensure proper operation under power-sag conditions to
prevent the external power MOSFET from overheating. A soft
start feature is provided to reduce the inrush current.
Foldback current limit and “hiccup” mode short-circuit
protection ensure FET and load protection.
The MIC2164/-2/-3/C controllers are available in a 10-pin
MSOP (MAX1954A-compatible) package with a junction
operating range from –40°C to +125°C.
All support documentation can be found on Micrel’s web site
at: www.micrel.com.
Features
•
Hyper Speed Control™ architecture enables
-
High delta V operation (VHSD = 28V and VOUT = 0.8V)
-
Smaller output capacitors than competitors
•
3V to 28V input voltage
•
Any Capacitor
TM stable
-
Zero ESR to high ESR
•
25A output current capability
•
300kHz/600kHz/1MHz switching frequency
•
Adaptive on-time mode control
•
Adjustable output from 0.8V to 5.5V with ±1%
(MIC2164/-2/-3) or ±3% (MIC2164C) FB accuracy
•
Up to 95% efficiency
•
Foldback current-limit and “hiccup” mode short-circuit
protection
•
6ms Internal soft start
•
Thermal shutdown
•
Safe start-up into pre-biased loads
•
–40°C to +125°C junction temperature range
•
Available in 10-pin MSOP package
Applications
•
Set-top box, gateways and routers
•
Printers, scanners, graphic cards and video cards
•
Telecommunication, PCs and servers
________________________________________________________________________________________________________________________
Typical Application
MIC2164/-2/-3/C Synchronous Controllers Featuring Adaptive On-Time Control
MIC2164
12V to 3.3V Efficiency
50
55
60
65
70
75
80
85
90
95
100
04
8
12
16
OUTPUT CURRENT (A)
20
VIN=5V


Similar Part No. - MIC2164

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2164 MICREL-MIC2164 Datasheet
918Kb / 36P
Constant Frequency, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2164-2YMM MICREL-MIC2164-2YMM Datasheet
918Kb / 36P
Constant Frequency, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2164-3YMM MICREL-MIC2164-3YMM Datasheet
918Kb / 36P
Constant Frequency, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2164YMM MICREL-MIC2164YMM Datasheet
918Kb / 36P
Constant Frequency, Synchronous Buck Controllers Featuring Adaptive On-Time Control
More results

Similar Description - MIC2164

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2164 MICREL-MIC2164 Datasheet
918Kb / 36P
Constant Frequency, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2174 MICREL-MIC2174_10 Datasheet
706Kb / 27P
Synchronous Buck Controller Featuring Adaptive On-Time Control 40V Input, 300kHz
MIC2176-1 MICREL-MIC2176-1 Datasheet
1Mb / 31P
Wide Input Voltage, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2101 MICREL-MIC2101 Datasheet
1Mb / 37P
38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2103 MICREL-MIC2103 Datasheet
1Mb / 36P
75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
logo
Microchip Technology
MIC2125 MICROCHIP-MIC2125 Datasheet
1Mb / 34P
28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
07/14/15
logo
Micrel Semiconductor
MIC2103 MICREL-MIC2103_13 Datasheet
1Mb / 38P
75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
MIC2101 MICREL-MIC2101_13 Datasheet
1Mb / 36P
38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
logo
Microchip Technology
MIC2103 MICROCHIP-MIC2103 Datasheet
1Mb / 42P
75V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
10/25/17
MIC2127A MICROCHIP-MIC2127A Datasheet
827Kb / 38P
75V, Synchronous Buck Controller Featuring Adaptive On-Time Control
11/07/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com