Electronic Components Datasheet Search
  English  ▼

X  

MIC2164 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2164
Description  Synchronous Buck Controllers Featuring Adaptive On-Time Control 28V Input, Constant Frequency
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2164 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2164 Datasheet HTML 1Page - Micrel Semiconductor MIC2164 Datasheet HTML 2Page - Micrel Semiconductor MIC2164 Datasheet HTML 3Page - Micrel Semiconductor MIC2164 Datasheet HTML 4Page - Micrel Semiconductor MIC2164 Datasheet HTML 5Page - Micrel Semiconductor MIC2164 Datasheet HTML 6Page - Micrel Semiconductor MIC2164 Datasheet HTML 7Page - Micrel Semiconductor MIC2164 Datasheet HTML 8Page - Micrel Semiconductor MIC2164 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
Micrel, Inc.
MIC2164/-2/-3/C
September 2010
4
M9999-091310-D
Absolute Maximum Ratings
(1)
IN, FB, EN to GND ..........................................
−0.3V to +6V
BST to LX .......................................................
−-0.3V to +6V
BST to GND ..................................................
−0.3V to +37V
DH to LX............................................
−0.3V to (VBST + 0.3V)
DL, COMP to GND..............................
−0.3V to (VIN + 0.3V)
HSD to GND....................................................
−0.3V to 31V
PGND to GND..............................................
−0.3V to +0.3V
Junction Temperature .............................................. +150°C
Storage Temperature (TS).........................−65°C to +150°C
Lead Temperature (soldering, 10sec)........................ 260°C
Operating Ratings
(2)
Input Voltage (VIN)............................................ 3.0V to 5.5V
Supply Voltage (VHSD) ....................................... 3.0V to 28V
Operating Temperature Range .................
−40°C to +125°C
Junction Temperature (TJ) ........................ −40°C to +125°C
Junction Thermal Resistance
MSOP (
θJA) ..................................................130.5°C/W
Continuous Power Dissipation (TA = 70°C)..............421mW
(derate 5.6mW/°C above 70°C)
Electrical Characteristics
(4)
VBST − VLX = 5V; TA = +25°C, unless noted. Bold values indicate −40°C ≤ TJ ≤ +125°C.
Parameter
Condition
Min.
Typ.
Max.
Units
General
Operating Input Voltage (VIN)
(5)
3.0
5.5
V
HSD Voltage Range (VHSD)
3.0
28
V
Quiescent Supply Current
(VFB = 1.5V, output switching but excluding
external MOSFET gate current)
1.4
3.0
mA
Standby Supply Current
(6)
VIN = VBST = 5.5V, VHSD = 28, LX = unconnected,
EN = GND
0.8
2
mA
Under-Voltage Lockout Trip Level
2.4
2.7
3
V
UVLO Hysteresis
50
mV
DC-DC Controller
Output-Voltage Adjust Range
(VOUT)
0.8
5.5
V
Error Amplifier
0°C ≤ TJ ≤ 85°C
-1
1
−40°C ≤ TJ ≤ 125°C
-2
2
FB Regulation Voltage
TJ = 25°C (MIC2164C)
-3
3
%
FB Input Leakage Current
5
500
nA
VFB = 0.8V
103
130
162
VFB = 0V
19
48
77
VFB = 0.8V (MIC2164C)
95
130
170
Current-Limit Threshold
VFB = 0V (MIC2164C)
15
48
80
mV
Soft-Start
Soft-Start Period
6
ms
Oscillator
Switching Frequency
(8)
MIC2164C
MIC2164
MIC2164-2
MIC2164-3
0.202
0.225
0.45
0.75
0.27
0.3
0.6
1
0.338
0.375
0.75
1.25
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com