Electronic Components Datasheet Search
  English  ▼

X  

MIC2174C Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2174C
Description  Synchronous Buck Controller Featuring Adaptive On-Time Control 40V Input, 300kHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2174C Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2174C Datasheet HTML 5Page - Micrel Semiconductor MIC2174C Datasheet HTML 6Page - Micrel Semiconductor MIC2174C Datasheet HTML 7Page - Micrel Semiconductor MIC2174C Datasheet HTML 8Page - Micrel Semiconductor MIC2174C Datasheet HTML 9Page - Micrel Semiconductor MIC2174C Datasheet HTML 10Page - Micrel Semiconductor MIC2174C Datasheet HTML 11Page - Micrel Semiconductor MIC2174C Datasheet HTML 12Page - Micrel Semiconductor MIC2174C Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Micrel, Inc.
MIC2174/MIC2174C
September 2010
9
M9999-091310-C
Functional Characteristics (Continued)
IL
(5A/div)
Vout
(1V/div)
Time 100μs/div
Short Circuit
Vhsd=24V
Vin=5V
Vout=1.8V
Iout=5A to short



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com