Electronic Components Datasheet Search
  English  ▼

X  

MIC2174C Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MIC2174C
Description  Synchronous Buck Controller Featuring Adaptive On-Time Control 40V Input, 300kHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2174C Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MIC2174C Datasheet HTML 11Page - Micrel Semiconductor MIC2174C Datasheet HTML 12Page - Micrel Semiconductor MIC2174C Datasheet HTML 13Page - Micrel Semiconductor MIC2174C Datasheet HTML 14Page - Micrel Semiconductor MIC2174C Datasheet HTML 15Page - Micrel Semiconductor MIC2174C Datasheet HTML 16Page - Micrel Semiconductor MIC2174C Datasheet HTML 17Page - Micrel Semiconductor MIC2174C Datasheet HTML 18Page - Micrel Semiconductor MIC2174C Datasheet HTML 19Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
Micrel, Inc.
MIC2174/MIC2174C
September 2010
15
M9999-091310-C
Making the assumption that the turn-on and turn-off
transition times are equal; the transition times can be
approximated by:
G
HSD
OSS
IN
ISS
T
I
V
C
V
C
t
×
+
×
=
(11)
where:
CISS and COSS are measured at VDS = 0
IG = gate-drive current
The total high-side MOSFET switching loss is:
SW
T
PK
D
HSD
AC
f
t
I
)
V
(V
P
×
×
×
+
=
(12)
where:
tT = Switching transition time
VD = Body diode drop (0.5V)
fSW = Switching Frequency (300kHz)
The high-side MOSFET switching losses increase with
the input voltage VHSD due to the longer turn-on time and
turn-off time. The low-side MOSFET switching losses
are negligible and can be ignored for these calculations.
Inductor Selection
Values for inductance, peak, and RMS currents are
required to select the output inductor. The input and
output voltages and the inductance value determine the
peak-to-peak inductor ripple current. Generally, higher
inductance values are used with higher input voltages.
Larger peak-to-peak ripple currents will increase the
power dissipation in the inductor and MOSFETs. Larger
output ripple currents will also require more output
capacitance to smooth out the larger ripple current.
Smaller peak-to-peak ripple currents require a larger
inductance value and therefore a larger and more
expensive inductor. A good compromise between size,
loss and cost is to set the inductor ripple current to be
equal to 20% of the maximum output current. The
inductance value is calculated by Equation 13:
OUT(max)
sw
HSD(max)
OUT
HSD(max)
OUT
I
20%
f
V
)
V
(V
V
L
×
×
×
−
×
=
(13)
where:
fSW = switching frequency, 300 kHz
20% = ratio of AC ripple current to DC output current
VHSD(max) = maximum power stage input voltage
The peak-to-peak inductor current ripple is:
L
f
V
)
V
(V
V
I
sw
HSD(max)
OUT
HSD(max)
OUT
L(pp)
×
×
−
×
=
Δ
(14)
The peak inductor current is equal to the average output
current plus one half of the peak-to-peak inductor current
ripple.
IL(pk) =IOUT(max) + 0.5 × ΔIL(pp)
(15)
The RMS inductor current is used to calculate the I
2R
losses in the inductor.
12
ΔI
I
I
2
L(PP)
2
OUT(max)
L(RMS)
+
=
(16)
Maximizing efficiency requires both the proper selection
of core material and the minimizing of winding
resistance. The high frequency operation of the
MIC2174/MIC2174C requires the use of ferrite materials
for all but the most cost sensitive applications.
Lower cost iron powder cores may be used but the
increase in core loss will reduce the efficiency of the
power supply. This is especially noticeable at low output
power. The winding resistance decreases efficiency at
the higher output current levels. The winding resistance
must be minimized although this usually comes at the
expense of a larger inductor. The power dissipated in the
inductor is equal to the sum of the core and copper
losses. At higher output loads, the core losses are
usually insignificant and can be ignored. At lower output
currents, the core losses can be a significant contributor.
Core loss information is usually available from the
magnetics vendor. Copper loss in the inductor is
calculated by Equation 17:
PINDUCTOR(Cu) = IL(RMS)
2 × RWINDING
(17)
The resistance of the copper wire, RWINDING, increases
with the temperature. The value of the winding
resistance used should be at the operating temperature.
PWINDING(Ht) = RWINDING(20°C) × (1 + 0.0042 × (TH – T20°C))
(18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com