Electronic Components Datasheet Search
  English  ▼

X  

NISC-2350 Datasheet(PDF) 2 Page - National Instruments Corporation

Part # NISC-2350
Description  Portable, Shielded SCC Module Carriers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NISC-2350 Datasheet(HTML) 2 Page - National Instruments Corporation

  NISC-2350 Datasheet HTML 1Page - National Instruments Corporation NISC-2350 Datasheet HTML 2Page - National Instruments Corporation NISC-2350 Datasheet HTML 3Page - National Instruments Corporation NISC-2350 Datasheet HTML 4Page - National Instruments Corporation NISC-2350 Datasheet HTML 5Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SC-2345 Carrier with Configurable Connectors
The SC-2345 with Configurable Connectors is electrically and
functionally identical to the SC-2345 connector block. The only
differences are the orientation of some modules and the addition of
I/O connector and interface panelettes. This carrier is available with
either a side 68-pin connector (recommended for DAQCard products)
or a rear 68-pin connector (recommended for DAQPad products).
The SC-2345 with Configurable Connectors handles dual-stage
conditioning and digital I/O modules. It also offers custom
connectivity by adding panelettes along its front and rear panels.
Select up to 18 panelettes for side-mount 68-pin versions, or
15 panelettes for rear-mount 68-pin versions. With I/O panelettes,
you can connect your sensor directly to the SCC system. With
interface panelettes, you can add hardware controls and displays to
your system. Blank panelettes are also available to fill unused
positions or for modification to fit your custom application needs.
SC-2350
The SC-2350 includes 10 SCC module sockets, labeled J1 through J8,
J17, and J18 (see Figure 3). Sockets J1 through J8 accommodate SCC
modules for conditioning signals on the analog input channels of the
DAQ device. For example, an SCC module plugged into socket J1
would condition signals for channels 0 and 8 of the device. You can
use sockets J17 and J18 for SCC modules that condition analog
signals on the output channels of the DAQ device.
The SC-2350 contains a TEDS microcontroller with two digital
lines per analog input channel for communication with Class II
smart TEDS sensors (for more information on smart TEDS sensors
refer to ni.com/sensors).
Sensors Plug&Play™
The IEEE 1451.4 standard delivers plug-and-play capability to
analog sensors. End users, systems integrators, and developers can
automate the configuation of measurement systems for analog
sensors. By defining an easy add-on approach that brings TEDS
benefits to all types of sensors, the standard makes data acquisition
systems easier to set up, configure, and maintain. The TEDS
structure is compact and flexible enough to handle a very wide range
of sensor requirements.
Smart TEDS Sensors
An IEEE 1451.4 smart TEDS sensor consists of the analog
components and an embedded memory chip, which together provide
the mixed-mode interface for analog and digital signals. A smart
TEDS sensor identifies and describes itself – providing the
manufacturer, sensor model number, serial number, measurement
range, sensitivity, and calibration information. TEDS information
resides on a memory chip (EEPROM) within the sensor and is
accessed by measurement systems such as the SC-2350 via a simple
low-cost serial interface.
2 National Instruments • Tel: (800) 433-3488 • Fax: (512) 683-9300 • info@ni.com • ni.com
Portable, Shielded SCC Module Carriers
Figure 3. Diagram of Socket Layout for SC-2350
1
SCC Socket Reference Designator
2
SCC Socket
3
SCC Key Slot
4
50-Pin Test Header
5
Serial Number
6
Assembly Number
7
Screw-Terminal Block
8
J24
9
Power LEDs
10
J25
11
J21



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com