Electronic Components Datasheet Search
  English  ▼

X  

NISC-2350 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # NISC-2350
Description  Portable, Shielded SCC Module Carriers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NISC-2350 Datasheet(HTML) 3 Page - National Instruments Corporation

  NISC-2350 Datasheet HTML 1Page - National Instruments Corporation NISC-2350 Datasheet HTML 2Page - National Instruments Corporation NISC-2350 Datasheet HTML 3Page - National Instruments Corporation NISC-2350 Datasheet HTML 4Page - National Instruments Corporation NISC-2350 Datasheet HTML 5Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Minithermocouple
BNC
SMB
9-Pin D-Sub
Banana Jack
LEMO (B-Series)
MIL-Spec
Toggle Switch
Rocker Switch
LED
Strain Relief
Potentiometer
Momentary Switch
Blank
Figure 4. SC-2345/SC-2350 Panelette Photos
3
National Instruments • Tel: (800) 433-3488 • Fax: (512) 683-9300 • info@ni.com • ni.com
Panelettes
If you choose either of the two versions of the SC-2345 with
configurable connectors or the SC-2350 as your carrier, then you can
install connectivity and interface panelettes to customize your SCC
system. Panelette options (see Table 1, Figure 4) include BNC, SMB,
LEMO (B-Series), MIL-Spec, banana jack, thermocouple plug, 9-pin
D-Sub connectors, rocker switches, toggle switches, momentary
switches, potentiometers, and LEDs. Please note, some panelettes
occupy more than one panelette slot. All panelettes except for the
strain-relief options include lead wires that you connect to the screw
terminals of any SCC module or to the 42-pin screw terminal block
inside the SC-2345 or SC-2350. The thermocouple and
minithermocouple jack connector wires are made of the appropriate
metals to avoid forming unwanted cold junctions.
Screw Terminals
Each SC-2345 and SC-2350 shielded carrier includes a 42-position
screw terminal block for easy access to digital lines of the E Series or
Basic Multifunction DAQ device, including DIO<3, 5, 6, 7>,
PFI<0..9>, GPCTR 0,1, +5V, DGND, AISENSE, FREQ_OUT,
EXTSTROBE, and SCANCLK.
Accessories
The SC-2345 with configurable connectors and SC-2350 offer two
optional accessories. For 19 in. rack systems, choose the rack-mount kit.
If you are using two SCC systems, or a single SCC system with a DAQPad
device, choose the stacking kit to mechanically attach both systems.
Power Options
SC-2345 and SC-2350 carriers have three power options:
• SCC-PWR01 – 5 VDC from the DAQ device or an external supply
• SCC-PWR02 – universal AC external supply
• SCC-PWR03 – 7 to 42 VDC external supply module (power
supply not included)
One power module is included with your carrier. Power modules
are sold separately in case you want to use your SC-2345 or SC-2350
in two or more configurations.
If you choose the SCC-PWR01, it is possible to power your SCC system
with the internal power source of your DAQ device. NI DAQCards and
DAQPads provide 800 mW of total power (480 mW of analog power)
from their internal source. NI PCI and PXI devices provide 4.50 W of total
power (1.74 W of analog power) from their internal source. If the power
draw from your SCC modules is greater than the power available from
your DAQ device, then you must use an external power source. The
SCC-PWR02 includes an AC transformer. However, you must purchase
an additional power cord to match your country’s power requirements.
The SCC-PWR03 does not include a transformer but can be used
with an external transformer that provides 7 to 42 VDC. To
determine the valid power options for the modules in your SCC DAQ
system, use the online SCC Advisor at ni.com/advisors
Cabling
You connect your SC-2345 or SC-2350 to your DAQ device using
standard cables. To determine the cabling needed for your
configuration, see Table 2.
Portable, Shielded SCC Module Carriers
Connectors/Units
Panelette
Description
per Panelette
Slot Width
Minithermocouple jack
J or K-type
2
1
or uncompensated
2
1
Thermocouple jack
J or K-type
1
1
or uncompensated
1
1
BNC
BNC connector
2
1
SMB
SMB connector
4
1
Banana jack
Banana jack
2
1
LEMO (B-Series)
2-pin female
2
1
4, 6-pin female
1
1
MIL-Spec
2, 4, 6-pin female
1
1
9-pin D-Sub
Single (male)
1
2
Single (female)
1
2
Dual (male)
2
3
Dual (female)
2
3
Momentary switch
On – off
2
1
Toggle switch
(On – off – on)
2
1
Rocker switch
(On – off – on)
1
1
LED
Red, green, yellow,
4
1
and orange LEDs
Potentiometer
1 turn, 10 Ω
11
Strain relief
Small
1
2
Blank
Filler panel
–
–
Table 1. SC-2345/SC-2350 Panelette Options
DAQ Device
SC-2345
68-pin E Series or Basic multifunction
SH68-68-EP1
100-pin E Series
SH1006862
Latching E Series DAQCards:
SHC6868-EP
6062E, 6036E, 6024E
1
Can also use the SH68-68R1 or R6868 2Only the first 68 pins will
interface to an SC-2345
Table 2. SC-2345 Cabling Options



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com