Electronic Components Datasheet Search
  English  ▼

X  

NIPCI-6509 Datasheet(PDF) 4 Page - National Instruments Corporation

Part # NIPCI-6509
Description  Low-Cost Industrial Digital I/O-5 V TTL/CMOS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPCI-6509 Datasheet(HTML) 4 Page - National Instruments Corporation

  NIPCI-6509 Datasheet HTML 1Page - National Instruments Corporation NIPCI-6509 Datasheet HTML 2Page - National Instruments Corporation NIPCI-6509 Datasheet HTML 3Page - National Instruments Corporation NIPCI-6509 Datasheet HTML 4Page - National Instruments Corporation NIPCI-6509 Datasheet HTML 5Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Specifications
These specifications are typical at 25 °C unless otherwise noted.
Digital I/O
Number of channels............................
96 I/O
Compatibility .......................................
TTL/CMOS
Power-on state....................................
Inputs high-Z (default), user-
selectable input, output 1 or 0
Data transfers .....................................
Interrupts, programmed I/O
I/O connector ......................................
100-pin female 0.050 series SCSI
Digital Logic Levels
Input signals
Output signals (VCC =5 V)
Pins 49 and 99 (at +5 V) .................
1.0 A, maximum
(combined or individually)
Power Requirements
Power consumption (typical)...............
375 mA on + 3.3 VDC
No load current ...................................
250 mA on + 5 VDC
With a load, use the following equation to determine the power
consumption on a 5 V rail. In the equation j is the number of the channels
you are using to source current.
j
250 mA +
∑ (current sourced on channel i)
i=1
Power available at I/O connector.......
1 A (fused), maximum
(combined or individually)
Note: The voltage at the I/O connector is dependent on the
amount of current drawn from an NI 6509.
Physical
Dimensions
PCI ...................................................
12.4 by 9.7 cm (4.9 by 3.8 in.)
PXI ...................................................
16.0 by 10.0 cm (6.3 by 3.9 in.)
Environmental
NI 6509 devices are intended for indoor use only.
Operating temperature .......................
0 to 55 °C
Storage temperature...........................
-20 to 70 °C
Relative humidity ................................
10 to 90%, noncondensing
Pollution degree ..................................
2
Safety
This product is designed to meet the requirements of the following
standards of safety for electrical equipment for measurement, control,
and laboratory use:
• IEC 61010-1, EN 61010-1
• UL 61010-1, CSA 61010-1
Note: For UL and other safety certifications, refer to the product label or
visit ni.com/certification, search by model number or product line, and
click the appropriate link in the Certification column.
Electromagnetic Compatibility
This product is designed to meet the requirements of the following
standards of EMC for electrical equipment for measurement, control,
and laboratory use:
• EN 61326 EMC requirements; Minimum Immunity
• EN 55011 Emissions; Group 1, Class A
• CE, C-Tick, ICES, and FCC Part 15 Emissions; Class A
Note: For EMC compliance, operate this device according to
product documentation.
CE Compliance
This product meets the essential requirements of applicable European
Directives, as amended for CE marking, as follows:
• 2006/95/EC; Low-Voltage Directive (safety)
• 2004/108/EC; Electromagnetic Compatibility Directive (EMC)
Note: Refer to the Declaration of Conformity (DoC) for this product for
any additional regulatory compliance information. To obtain the DoC for
this product, visit ni.com/certification, search by model number or
product line, and click the appropriate link in the Certification column.
Low-Cost Industrial Digital I/O – 5 V TTL/CMOS
4
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
Level
Min
Max
Input voltage (VI)
0 V
VCC
Input logic low-voltage (VIL)
–
0.8 V
Input logic high-voltage (VIH)
2 V
–
The maximum input logic high and output logic high voltages assume a VCC supply voltage of 5.0 V.
Given a VCC supply voltage of 5.0 V, the absolute maximum voltage rating for each I/O line is -0.5 to
5.5 V with respect to GND.
Level
Min
Max
High-level output current (IOH)
–
-24 mA
Low-level output current (IOL)
–
24 mA
Output voltage (VO)
0
VCC
Output low voltage (VOL), at 24 mA
–
0.55 V
Output high voltage (VOH), at -24 mA
3.7 V
–
The total current sinking/sourcing from one port cannot exceed 100 mA.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com