Electronic Components Datasheet Search
  English  ▼

X  

NIPCI-6509 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # NIPCI-6509
Description  Low-Cost Industrial Digital I/O-5 V TTL/CMOS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPCI-6509 Datasheet(HTML) 3 Page - National Instruments Corporation

  NIPCI-6509 Datasheet HTML 1Page - National Instruments Corporation NIPCI-6509 Datasheet HTML 2Page - National Instruments Corporation NIPCI-6509 Datasheet HTML 3Page - National Instruments Corporation NIPCI-6509 Datasheet HTML 4Page - National Instruments Corporation NIPCI-6509 Datasheet HTML 5Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
software technologies such as multithreaded streaming technology for
dramatic improvements in I/O performance and ease of use.
• Use the DAQ Assistant to guide you to fast, accurate measurements
with no programming
• Use automatic code generation to create your application in
LabVIEW, ANSI C, Visual Basic .NET, or C#
• Take advantage of multithreaded streaming technology for
1,000X performance improvements
• Use automatic timing, triggering, and synchronization technology
to make advanced applications easy
• Visit ni.com for more than 3,000 free software downloads to
jump-start your project
• Use NI-DAQmx functions for jumper-free software configuration of
all digital I/O features without hardware switches/jumpers
• Develop your application with easy and open programming in
LabVIEW, ANSI C, Microsoft Visual C++, C#, and Visual Basic .NET
Digital I/O Connector
The 100-pin high-density SCSI connector on NI 6509 devices connects to
100-pin ribbon cable or shielded cables. For low-cost unshielded connectivity,
use the R1005050 ribbon cable with two CB-50LP or CB-50 connector
blocks (a CB-100 kit). For shielded connectivity, use the SH100-100-F
shielded digital I/O cable with the SCB-100 connector block.
You can individually program each 8-bit port on an NI 6509 to
be input or output. The maximum input logic high and output logic high
voltages assume a Vcc supply voltage of 5 V. The absolute maximum
voltage rating is -0.5 to +5.5 V with respect to GND. Pins 49 and 99 on
the I/O connector supply +5 V from the computer power supply through
a self-resetting fuse.
Other Connectivity Options and
High-Voltage Signal Conditioning
Visit ni.com/dataacquisition to learn more about connectivity
solutions, including high-voltage signal conditioning and isolation,
electromechanical relay devices, and other solutions.
Low-Cost Industrial Digital I/O – 5 V TTL/CMOS
3
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
Figure 3. NI 6509 100-Pin SCSI I/O Connector
50
100
49
99
48
98
47
97
46
96
45
95
44
94
43
93
42
92
41
91
40
90
39
89
38
88
37
87
36
86
35
85
34
84
33
83
32
82
31
81
30
80
29
79
28
78
27
77
26
76
25
75
24
74
23
73
22
72
21
71
20
70
19
69
18
68
17
67
16
66
15
65
14
64
13
63
12
62
11
61
10
60
959
858
757
656
555
454
353
252
151
GND
+5 V
P3.0
P0.0
P3.1
P0.1
P3.2
P0.2
P3.3
P0.3
P3.4
P0.4
P3.5
P0.5
P3.6
P0.6
P3.7
P0.7
P4.0
P1.0
P4.1
P1.1
P4.2
P1.2
P4.3
P1.3
P4.4
P1.4
P4.5
P1.5
P4.6
P1.6
P4.7
P1.7
P5.0
P2.0
P5.1
P2.1
P5.2
P2.2
P5.3
P2.3
P5.4
P2.4
P5.5
P2.5
P5.6
P2.6
P5.7
P2.7
GND
+5 V
P9.0
P6.0
P9.1
P6.1
P9.2
P6.2
P9.3
P6.3
P9.4
P6.4
P9.5
P6.5
P9.6
P6.6
P9.7
P6.7
P10.0
P7.0
P10.1
P7.1
P10.2
P7.2
P10.3
P7.3
P10.4
P7.4
P10.5
P7.5
P10.6
P7.6
P10.7
P7.7
P11.0
P8.0
P11.1
P8.1
P11.2
P8.2
P11.3
P8.3
P11.4
P8.4
P11.5
P8.5
P11.6
P8.6
P11.7
P8.7
Ordering Information
NI PCI-6509............................................................................778792-01
NI PXI-6509............................................................................778858-01
Includes NI-DAQmx software.
For information on extended warranty and value-added
services, see ni.com/services.
Recommended Configurations
BUY NOW!
For complete product specifications, pricing, and accessory
information, call 800 813 3693 (U.S.) or go to ni.com/dataacquisition.
Family
Accessory
Cable
NI 6509
SCB-100 (776990-01)
SH100-100-F (185095-02)
CB-100 kit (777812-01)
R1005050 included in kit
PCI-6509 bundle (778936-01)
Cable and connector blocks included
TTL Signal
LED
50, 100
GND
73
71
69
67
47
45
43
41
NI 6509
Port 0
P0<3..0>
Port 7
P7<7..4>
Figure 2. Signal Connections



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com